Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GF60HR Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT50GF60HR
Description  The Fast IGBT is a new generation of high voltage power IGBTs.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50GF60HR Datasheet(HTML) 2 Page - Advanced Power Technology

  APT50GF60HR Datasheet HTML 1Page - Advanced Power Technology APT50GF60HR Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
Symbol
Cies
Coes
Cres
Qg
Qge
Qgc
td(on)
tr
td(off)
tf
td(on)
tr
td(off)
tf
Eon
Eoff
Ets
td(on)
tr
td(off)
tf
Ets
gfe
DYNAMIC CHARACTERISTICS
APT50GF60HR
UNIT
°C/W
MIN
TYP
MAX
0.70
40
Characteristic
Junction to Case
Junction to Ambient
Symbol
RQJC
RQJA
THERMAL CHARACTERISTICS
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Emitter Charge
Gate-Collector ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Switching Energy
Turn-off Switching Energy
Total Switching Losses
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Total Switching Losses
Forward Transconductance
Test Conditions
Capacitance
VGE = 0V
VCE = 25V
f = 1 MHz
Gate Charge
VGE = 15V
VCC = 0.5VCES
IC = IC2
Resistive Switching (25°C)
VGE = 15V
VCC = 0.8VCES
IC = IC2
RG = 10W
Inductive Switching (150°C)
VCLAMP(Peak) = 0.66VCES
VGE = 15V
IC = IC2
RG = 10W
TJ = +150°C
Inductive Switching (25°C)
VCLAMP(Peak) = 0.66VCES
VGE = 15V
IC = IC2
RG = 10W
TJ = +25°C
VCE = 20V, IC = IC2
MIN
TYP
MAX
2600
280
165
170
25
100
20
100
100
110
30
90
280
170
2.2
2.4
4.6
30
90
250
100
4.1
6
UNIT
pF
nC
ns
ns
mJ
ns
mJ
S
1
Repetitive Rating: Pulse width limited by maximum junction temperature.
2
I
C = IC2, RGE = 25
W, L = 60µH, T
j = 25°C
3
See MIL-STD-750 Method 3471
4
The maximum current is limited by lead temperature.
APT Reserves the right to change, without notice, the specifications and information contained herein.


Similar Part No. - APT50GF60HR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GF60B2RD ADPOW-APT50GF60B2RD Datasheet
112Kb / 7P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT50GF60BR ADPOW-APT50GF60BR Datasheet
82Kb / 5P
   The Fast IGBT is a new generation of high voltage power IGBTs.
logo
Microsemi Corporation
APT50GF60JCU2 MICROSEMI-APT50GF60JCU2 Datasheet
219Kb / 6P
   ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
APT50GF60JU2 MICROSEMI-APT50GF60JU2 Datasheet
465Kb / 8P
   Boost chopper NPT IGBT
logo
Advanced Power Technolo...
APT50GF60JU3 ADPOW-APT50GF60JU3 Datasheet
471Kb / 8P
   ISOTOP Buck chopper NPT IGBT
More results

Similar Description - APT50GF60HR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40GF120JRD ADPOW-APT40GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs
APT50GF60B2RD ADPOW-APT50GF60B2RD Datasheet
112Kb / 7P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT33GF120HR ADPOW-APT33GF120HR Datasheet
26Kb / 2P
   The Fast IGBT is a new generation of high voltage power IGBTs
APT60GF120JRD ADPOW-APT60GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT100GF60JRD ADPOW-APT100GF60JRD Datasheet
77Kb / 5P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT20GF120BR ADPOW-APT20GF120BR Datasheet
74Kb / 5P
   The Fast IGBT is a new generation of high voltage power IGBTs.
APT50GF60BR ADPOW-APT50GF60BR Datasheet
82Kb / 5P
   The Fast IGBT is a new generation of high voltage power IGBTs.
APT20GF120BRD ADPOW-APT20GF120BRD Datasheet
114Kb / 8P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT50GF120JRD ADPOW-APT50GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT33GF120B2RD ADPOW-APT33GF120B2RD Datasheet
141Kb / 8P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT100GF60B2R ADPOW-APT100GF60B2R Datasheet
38Kb / 3P
   The Fast IGBT is a new generation of high voltage power IGBTs.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com