Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT10-1532-G2 Datasheet(PDF) 2 Page - Coto Technology

Part # CT10-1532-G2
Description  Tape and reel packaging
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CT10-1532-G2 Datasheet(HTML) 2 Page - Coto Technology

  CT10-1532-G2 Datasheet HTML 1Page - Coto Technology CT10-1532-G2 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
page | 97
ORDERING INFORMATION
A complete part number is represented by the digits to the right of the
CT10 series prefix followed by a suffix as shown below.
EXAMPLE: CT10-1030-G1 is
a CT10 sensor (10mm encapsulated switch)
with a sensitivity range from 10 to 30AT
lead ends are formed according to the G1 version
DIMENSIONS
in Inches (Millimeters)
CT10-XXXX-G1
CT10-XXXX-G2
CT10-XXXX-A2
CT10-XXXX-G4
.505 (12.8mm)
.77 (19.6mm)
.035/.045
(.089/1.14mm)
.115 (2.92mm)
.006 (0.15mm)
.095 (2.41mm)
.040 (1.0mm)
.505 (12.8mm)
.77 (19.6mm)
.035/.045
(.089/1.14mm)
.115 (2.92mm)
.006 (0.15mm)
.095 (2.41mm)
.040 (1.0mm)
.505 (12.8mm)
.645 (16.4mm)
.035/.045
(.089/1.14mm)
.115 (2.92mm)
.006 (0.15mm)
.095 (2.41mm)
.040 (1.0mm)
.619 (15.72mm)
.505 (12.8mm)
.115 (2.92mm)
.095 (2.41mm)
.040 (1.0mm)
CT10-XXXX-YY
Series
CT10
Lead Configuration Subset:
G1 for Gull Wing Version 1 (16.4mm)
G2/G4 for Gull Wing Version 2 (19.6mm)
A2 for Axial
AT Range (measured after mold & lead form)
10-30; 10-40


Similar Part No. - CT10-1532-G2

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2_15 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
More results

Similar Description - CT10-1532-G2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
logo
Analog Devices
ADR3440ARJZ AD-ADR3440ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
   Tape and reel packaging available
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
   Tape and Reel Packaging Available
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
   Tape and Reel Packaging Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com