Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2505 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2505
Description  Digital Input Mono Speaker Amp
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2505 Datasheet(HTML) 3 Page - Texas Instruments

  TAS2505 Datasheet HTML 1Page - Texas Instruments TAS2505 Datasheet HTML 2Page - Texas Instruments TAS2505 Datasheet HTML 3Page - Texas Instruments TAS2505 Datasheet HTML 4Page - Texas Instruments TAS2505 Datasheet HTML 5Page - Texas Instruments TAS2505 Datasheet HTML 6Page - Texas Instruments TAS2505 Datasheet HTML 7Page - Texas Instruments TAS2505 Datasheet HTML 8Page - Texas Instruments TAS2505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
RST
AINR
SPI_SEL
AINL
AVSS
HPOUT
WCLK
BCLK
MCLK
MISO
DIN
GPIO/DOUT
23
21
24
22
20
19
17
16
14
18
15
13
5
3
6
1
4
2
11
10
9
8
12
7
TAS2505
www.ti.com
SLAS778A – FEBRUARY 2013 – REVISED FEBRUARY 2013
2.2
Device Information
RGE PACKAGE
(TOP VIEW)
Table 2-1. RGE PIN FUNCTIONS
PIN
I/O(1)
DESCRIPTION
NAME
NO.
SPI_SEL
1
I
Selects between SPI and I2C digital interface modes; (1 = SPI mode) (0 = I2C mode)
RST
2
I
Reset for logic, state machines, and digital filters; asserted LOW.
AINL
3
I
Analog single-ended line left input
AINR
4
I
Analog single-ended line right input
HPOUT
5
O
Headphone and Lineout Driver Output
AVSS
6
GND
Analog Ground, 0V
AVDD
7
PWR
Analog Core Supply Voltage, 1.5V - 1.95V, tied internally to the LDO output
LDO_SEL
8
I
Select Pin for LDO; ties to either SPKVDD or SPKVSS
SPKM
9
O
Class-D speaker driver inverting output
SPKVDD
10
PWR
Class-D speaker driver power supply
SPKVSS
11
PWR
Class-D speaker driver power supply ground supply
SPKP
12
O
Class-D speaker driver non-inverting output
DIN
13
I
Audio Serial Data Bus Input Data
WCLK
14
I/O
Audio Serial Data Bus Word Clock
BCLK
15
I/O
Audio Serial Data Bus Bit Clock
MCLK
16
I
Master CLK Input / Reference CLK for CLK Multiplier - PLL (On startup PLLCLK = CLKIN)
MISO
17
O
SPI Serial Data Output
GPIO/DOUT
18
I/O/Z
GPIO / Audio Serial Bus Output
SCL/SSZ
19
I
Either I2C Input Serial Clock or SPI Chip Select Signal depending on SPI_SEL state
SDA/MOSI
20
I
Either I2C Serial Data Input or SPI Serial Data Input depending on SPI_SEL state.
SCLK
21
I
Serial clock for SPI interface
IOVDD
22
PWR
I/O Power Supply, 1.1V - 3.6V
DVDD
23
PWR
Digital Power Supply, 1.65V - 1.95V
DVSS
24
GND
Digital Ground, 0V
(1)
I = Input, O = Output, GND = Ground, PWR = Power, Z = High Impedance
Copyright © 2013, Texas Instruments Incorporated
PACKAGE AND SIGNAL DESCRIPTIONS
3
Submit Documentation Feedback
Product Folder Links: TAS2505


Similar Part No. - TAS2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
TAS2505 TI1-TAS2505 Datasheet
663Kb / 35P
[Old version datasheet]   2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
TAS2505 TI1-TAS2505 Datasheet
2Mb / 42P
[Old version datasheet]   TAS2505-Q1 2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
REVISED JULY 2023
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
663Kb / 35P
[Old version datasheet]   2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TAS2505-Q1 2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
REVISED JULY 2023
More results

Similar Description - TAS2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
[Old version datasheet]   TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
Wolfson Microelectronic...
WM9082 WOLFSON-WM9082 Datasheet
563Kb / 24P
   PDM Input Mono 3W Class D Speaker Driver
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Texas Instruments
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
[Old version datasheet]   15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
logo
Maxim Integrated Produc...
MAX98371 MAXIM-MAX98371 Datasheet
2Mb / 80P
   Digital Input Class D Speaker Amplifier
Rev 0; 3/15
logo
Texas Instruments
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com