Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2873000102 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2873000102
Description  73 MULTI-APERTURE CORE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2873000102 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2873000102 Datasheet HTML 1Page - Fair-Rite Products Corp. 2873000102 Datasheet HTML 2Page - Fair-Rite Products Corp. 2873000102 Datasheet HTML 3Page - Fair-Rite Products Corp. 2873000102 Datasheet HTML 4Page - Fair-Rite Products Corp. 2873000102 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2873000102
Printed: 2010-11-09
Part Number:
2873000102
Frequency Range: Suppression Applications for Lower Frequencies < 50 MHz (73 material)
Description:
73 MULTI-APERTURE CORE
Application:
Suppression Components
Where Used:
Board Component
Part Type:
Multi-Aperture cores
Mechanical Specifications
Weight:
3.500
(g)
Part Type Information
Multi-aperture cores are used in suppression applications and in balun (balance-unbalance) and other broadband transformers. They
are also employed in airbag designs to prevent accidental activation.
-All multi-aperture cores are supplied burnished.
-Multi-aperture cores in 73 and 43 materials are controlled for impedance only. The 61 NiZn material is controlled for both impedance
and AL value. The high frequency 67 material is controlled for AL value. All listed impedance values are typical values. Minimum
impedance values are specified for the + marked frequencies. The minimum guaranteed impedance is the listed typical impedance less 20%.
-Multi-aperture cores in 73 and 43 material are measured for impedance on the 4193A Vector Impedance Analyzer. The 61 multi-aperture
cores are tested on the 4191A Impedance Analyzer. All impedance measurements are performed with a single turn to both holes, using the
shortest practical wire length.
-The 61 and 67 material multi-hole beads are tested for AL value. The test frequency is 10 kHz at < 10 gauss. The test winding is
five turns wound through both holes.
-Preferred multi-aperture cores are the suggested choice for new designs. Samples are readily available and orders have typically
shorter lead times than other multi-aperture cores. For any multi-aperture requirement not listed here, feel free to contact our
customer service group for availability and pricing.
-Our 'Multi-Aperture Core Kit' (part number 0199000036) is available for proto type evaluation.
-Explanation of Part Numbers: Digits 1&2 = product class, 3&4 = material grade last digit 2 = burnished.


Similar Part No. - 2873000102

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2873000102 FAIR-RITE-2873000102 Datasheet
603Kb / 2P
   Multi- Aperture cores
2873000102 FAIR-RITE-2873000102_18 Datasheet
603Kb / 2P
   Multi- Aperture cores
More results

Similar Description - 2873000102

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2873002402 FAIR-RITE-2873002402 Datasheet
503Kb / 5P
   73 MULTI-APERTURE CORE
2873002702 FAIR-RITE-2873002702 Datasheet
503Kb / 5P
   73 MULTI-APERTURE CORE
2873000302 FAIR-RITE-2873000302 Datasheet
506Kb / 5P
   73 MULTI-APERTURE CORE
2873001502 FAIR-RITE-2873001502 Datasheet
504Kb / 5P
   73 MULTI-APERTURE CORE
2873001702 FAIR-RITE-2873001702 Datasheet
507Kb / 5P
   73 MULTI-APERTURE CORE
2873001802 FAIR-RITE-2873001802 Datasheet
507Kb / 5P
   73 MULTI-APERTURE CORE
2873006802 FAIR-RITE-2873006802 Datasheet
507Kb / 5P
   73 MULTI-APERTURE CORE
2873000202 FAIR-RITE-2873000202 Datasheet
505Kb / 5P
   73 MULTI-APERTURE CORE
2873002302 FAIR-RITE-2873002302 Datasheet
504Kb / 5P
   73 MULTI-APERTURE CORE
2843002302 FAIR-RITE-2843002302 Datasheet
529Kb / 5P
   43 MULTI-APERTURE CORE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com