Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63600-0525 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 63600-0525
Description  Hand Crimp Tool Specification Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

63600-0525 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  63600-0525 Datasheet HTML 1Page - Molex Electronics Ltd. 63600-0525 Datasheet HTML 2Page - Molex Electronics Ltd. 63600-0525 Datasheet HTML 3Page - Molex Electronics Ltd. 63600-0525 Datasheet HTML 4Page - Molex Electronics Ltd. 63600-0525 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Hand Crimp Tool for MX150 Blade Crimp Terminals
Doc No: ATS-638112600
Release Date: 01-21-03
UNCONTROLLED COPY
Page 5 of 5
Revision: E
Revision Date: 08-31-09
PARTS LIST
Item Number
Order Number
Description
Quantity
1
63600-0520
Crimping Spring
2
2
63811-2675
Locator
1
3
63600-0525
Handle Spring
1
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax: 630-969-1352
Visit our Web site at http://www.molex.com
M4 FLAT
WASHER
RATCHET
RELEASE LEVER
HANDLE
SPRING
CRIMPING
SPRING
LOCATOR
2
BEL
1
3
WIRE STOP
Figure 3
M4 X 20MM
LONG BHCS
M4 NYLON
LOCK NUT


Similar Part No. - 63600-0525

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63600-0525 MOLEX2-63600-0525 Datasheet
328Kb / 5P
   Application Tooling Specification Sheet
63600-0525 MOLEX2-63600-0525 Datasheet
327Kb / 5P
   Application Tooling Specification Sheet
63600-0525 MOLEX8-63600-0525 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
63600-0525 MOLEX8-63600-0525 Datasheet
176Kb / 5P
   Hand Crimp Tool Specification Sheet
63600-0525 MOLEX11-63600-0525 Datasheet
683Kb / 7P
   A full cycle ratcheting hand tool ensures complete crimps
More results

Similar Description - 63600-0525

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
0638117576 MOLEX11-0638117576 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
0638119300 MOLEX11-0638119300 Datasheet
259Kb / 6P
   HAND CRIMP TOOL Specification Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com