Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2944666634 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2944666634
Description  44 WOUND BEAD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2944666634 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2944666634 Datasheet HTML 1Page - Fair-Rite Products Corp. 2944666634 Datasheet HTML 2Page - Fair-Rite Products Corp. 2944666634 Datasheet HTML 3Page - Fair-Rite Products Corp. 2944666634 Datasheet HTML 4Page - Fair-Rite Products Corp. 2944666634 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2944666634
Printed: 2010-11-09
Part Number:
2944666634
Frequency Range: Broadband Frequencies 1-200 MHz (44 material)
Description:
44 WOUND BEAD
Application:
Suppression Components
Where Used:
Board Component
Part Type:
Wound Beads
Preferred Part:
Mechanical Specifications
Weight:
1.400
(g)
Part Type Information
Six and eleven hole beads, in two NiZn materials, are available both as beads (product class 26) and wound with tinned copper
wire in several winding configurations (product class 29).
-Parts with a '1' as the last digit of the part number are supplied bulk packed. Wound beads with part numbers 29--666631 and
29--666651 can be supplied radially taped and reeled per IEC 60286-1 and EIA 468-B standards. For these taped and reeled
wound beads the last digit of the part number is a '4'. Taped and reeled wound beads are supplied 500 pieces on a 13'' reel.
-Wire used for winding is oxygen free high conductivity copper with a lead-free tin plating.
-Beads are controlled for impedance limits only. The impedances listed are typical values. Minimum impedance values are
specified for the + marked frequencies. The minimum guaranteed impedance is the listed impedance less 20%. The 44 material
beads and wound beads are tested on the 4193A Vector Impedance Meter. The 61 material parts on the 4191A RF Impedance
Analyzer.
-Recommended storage temperature and operating temperature is -55°C to 125°C
-For any wound bead requirement not listed in here, please contact our customer service group for
availability and pricing.
-Explanation of Part Numbers: Digits 1&2 = product class, 3&4 = material grade and last digit 1 = bulk packed, 4 = taped and
reeled.


Similar Part No. - 2944666634

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2944666634 FAIR-RITE-2944666634 Datasheet
603Kb / 2P
   Wound Beads
2944666634 FAIR-RITE-2944666634_18 Datasheet
603Kb / 2P
   Wound Beads
More results

Similar Description - 2944666634

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2944777741 FAIR-RITE-2944777741 Datasheet
583Kb / 5P
   44 WOUND BEAD
2944666631 FAIR-RITE-2944666631 Datasheet
592Kb / 5P
   44 WOUND BEAD
2944666651 FAIR-RITE-2944666651 Datasheet
588Kb / 5P
   44 WOUND BEAD
2944666661 FAIR-RITE-2944666661 Datasheet
589Kb / 5P
   44 WOUND BEAD
2944666681 FAIR-RITE-2944666681 Datasheet
591Kb / 5P
   44 WOUND BEAD
2944777721 FAIR-RITE-2944777721 Datasheet
589Kb / 5P
   44 WOUND BEAD
2944666671 FAIR-RITE-2944666671 Datasheet
586Kb / 5P
   44 WOUND BEAD
2944776102 FAIR-RITE-2944776102 Datasheet
532Kb / 5P
   44 PC BEAD
2944776101 FAIR-RITE-2944776101 Datasheet
573Kb / 5P
   44 PC BEAD
2944778301 FAIR-RITE-2944778301 Datasheet
579Kb / 5P
   44 PC BEAD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com