Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCM8531QY Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # FCM8531QY
Description  MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FCM8531QY Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button FCM8531QY Datasheet HTML 4Page - Omron Electronics LLC FCM8531QY Datasheet HTML 5Page - Omron Electronics LLC FCM8531QY Datasheet HTML 6Page - Omron Electronics LLC FCM8531QY Datasheet HTML 7Page - Omron Electronics LLC FCM8531QY Datasheet HTML 8Page - Omron Electronics LLC FCM8531QY Datasheet HTML 9Page - Omron Electronics LLC FCM8531QY Datasheet HTML 10Page - Omron Electronics LLC FCM8531QY Datasheet HTML 11Page - Omron Electronics LLC FCM8531QY Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FCM8531 • Rev. 1.0.1
8
Electrical Characteristics
VDD=5 V, and TA=25C unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fSYS
System Frequency
29.4
30.0
30.6
MHz
fSYS
System Frequency
At -40
C
28.5
31.5
MHz
Power Management
VDD_ON
Turn-On Voltage
4.5
V
VDD_OFF
Turn-Off Voltage
3.2
V
VOUT
V25 Output Voltage Range
Load Current < 10 mA
2.35
2.5
2.65
V
IDD_OPER
VDD Current at Operation Mode
20K Hz PWM Output
20
29
35
mA
IDD_SLEEP
(7)
VDD Current at Sleep Mode
Wake-up Period = 37 ms
500
µA
tSLEEP
(7)
Sleep Mode Period
Initial Setting
40
ms
Flash Memory
(7)
VPP
Program/Erase Supply Voltage
11.8
12.0
12.2
V
IVPP
Mass Program Current
8
mA
tWRITE
Page Write Time
1.55
ms
tERASE
Erase Time
500
600
ms
Endurance
Erase + Write
1000
cycle
Data Retention
100
year
10-Bit ADC
(7)
RI
Input Impedance
3
MΩ
VI_MIN
Minimum Conversion Voltage
Code 000h
0
V
VI_MAX
Maximum Conversion Voltage
Code 3FFh
4
V
DNL
Differential Nonlinearity
±2.0
LSB
INL
Integral Nonlinearity
±2.0
LSB
ErrADC
Offset Error
±3.0
LSB
8-Bit DAC
(7)
RO
Output Impedance
W/I, W/O Current Bias
10
kΩ
VO_MIN
Minimum Conversion Voltage
Code 00h
50
mV
VO_MAX
Maximum Conversion Voltage
Code FFh
4
V
DNL
Differential Nonlinearity
±1.0
LSB
INL
Integral Nonlinearity
±2.0
LSB
Current Limit
VOCL_OFFSET
OCL Comparator Offset
OCL = 10h
-50
50
mV
VOCH_OFFSET
OCH Comparator Offset
OCH = C0h
-50
50
mV
VSHORT_OFFSET SHORT Comparator Offset
SHORT = C0h
-50
50
mV
VOCL_RNG
(7)
OCL Comparator Operation Range
0
3.5
V
VOCH_RNG
(7)
OCH Comparator Operation Range
1
4
V
VSHORT_RNG
(7)
SHORT Comparator Operation Range
1
4
V
IBIAS
Current Source of IA/IB/IC
47.5
50.0
52.5
µA
IBIAS
(7)
Current Source of IA/IB/IC
At -40
C
46
51
µA
Continued on the following page…


Similar Part No. - FCM8531QY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCM8531 FAIRCHILD-FCM8531 Datasheet
1Mb / 20P
   MCU Embedded and Configurable
More results

Similar Description - FCM8531QY

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2505 PTC-PT2505 Datasheet
243Kb / 5P
   3-Phase Sinusoidal BLDC Motor Controller
logo
Fairchild Semiconductor
FCM8531 FAIRCHILD-FCM8531 Datasheet
1Mb / 20P
   MCU Embedded and Configurable
logo
Princeton Technology Co...
PT2501 PTC-PT2501 Datasheet
247Kb / 4P
   3-Phase Sinusoidal BLDC Motor Controller
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
TRINAMIC Motion Control...
TMC6100-EVAL TRINAMIC-TMC6100-EVAL Datasheet
1Mb / 6P
   3-phase BLDC/PMSM motor with up to 10A coil current
logo
STMicroelectronics
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
1Mb / 48P
   High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
logo
Princeton Technology Co...
PT2502 PTC-PT2502 Datasheet
1Mb / 24P
   3-Phase Sensor-less BLDC Motor Controller
logo
Kinetic Technologies.
KTX9302 KINETIC-KTX9302 Datasheet
211Kb / 4P
   3-phase BLDC Motor Controller for 3-wire
June 2022 - Revision 03a
logo
STMicroelectronics
STSPIN32F0A STMICROELECTRONICS-STSPIN32F0A Datasheet
943Kb / 41P
   Advanced BLDC controller with embedded STM32 MCU
September 2017 Rev 2.0
STSPIN32F0251 STMICROELECTRONICS-STSPIN32F0251 Datasheet
1Mb / 32P
   Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com