Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9626 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9626
Description  75 Ohm N Male to TNC Male Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9626 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9626 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9626 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9626 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm N Male to TNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male to TNC Male Adapter PE9626
URL: http://www.pasternack.com/n-male-tnc-male-straight-adapter-pe9626-p.aspx
75 Ohm N Male to TNC Male Adapter
PE9626
PE9626 REV


Similar Part No. - PE9626

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9620 PASTERNACK-PE9620 Datasheet
387Kb / 4P
   Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring
logo
Pletronics, Inc.
PE9620DEV PLETRONICS-PE9620DEV Datasheet
138Kb / 8P
   PE96/PE98 Series 3.3 V PECL Clock Oscillators
PE9620DV PLETRONICS-PE9620DV Datasheet
138Kb / 8P
   PE96/PE98 Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
   SMA Male to SMA Female Bulkhead Adapter
PE9622 PASTERNACK-PE9622 Datasheet
244Kb / 2P
   75 Ohm TNC Female to TNC Female Adapter
More results

Similar Description - PE9626

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
   75 Ohm N Female to TNC Male Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
   75 Ohm TNC Male to F Male Adapter
PE9308 PASTERNACK-PE9308 Datasheet
251Kb / 2P
   75 Ohm N Male to N Male Adapter
PE9627 PASTERNACK-PE9627 Datasheet
76Kb / 1P
   75 OHM N MALE TO 75 OHM TNC FEMALE
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
   75 Ohm TNC Female to BNC Male Adapter
PE9631 PASTERNACK-PE9631 Datasheet
255Kb / 2P
   75 Ohm TNC Male to BNC Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
   75 Ohm TNC Male to F Female Adapter
PE9370 PASTERNACK-PE9370 Datasheet
245Kb / 2P
   75 Ohm N Male to BNC Male Adapter
PE91083 PASTERNACK-PE91083 Datasheet
359Kb / 4P
   75 Ohm TNC Female to F Male Adapter
PE9623 PASTERNACK-PE9623 Datasheet
255Kb / 3P
   75 Ohm TNC Male to TNC Female Right Angle Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com