Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1001-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1001-6
Description  Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.076 Body Diameter And 0.041 Pin Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1001-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1001-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1001-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.076 Body Diameter And 0.041 Pin Length
Configuration
Description
Hermetic Seal Solder Contact
Pin Diameter, in [mm]
0.012 [0.3]
Pin Length, in [mm]
0.041 [1.04]
Body Diameter, in [mm]
0.076 [1.93]
Body Length, in [mm]
0.055 [1.4]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.076 Body Diameter And 0.041 Pin Length from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.076 Body Diameter And 0.041 Pin
Length PE1001-6
URL:
http://www.pasternack.com/hermetic-seal-solder-contact-0.012-pin-diameter-0.076-body-0.041-pin-pe1001-6-p.aspx
PE1001-6
PE1001-6 REV
Hermetic Seal Solder Contact With 0.012 Pin Diameter,
0.076 Body Diameter And 0.041 Pin Length


Similar Part No. - PE1001-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1001-1 PASTERNACK-PE1001-1 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.1 Body Diameter And 0.18 Pin Length
PE1001-2 PASTERNACK-PE1001-2 Datasheet
203Kb / 2P
   HERMETIC Seal Solder Contact with 0.015 Pin Diameter
PE1001-3 PASTERNACK-PE1001-3 Datasheet
203Kb / 2P
   Hermetic Seal Solder Contact With 0.018 Pin Diameter 0.112 Body Diameter And 0.18 Pin Length
PE1001-4 PASTERNACK-PE1001-4 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.02 Pin Diameter, 0.158 Body Diameter And 0.07 Pin Length
PE1001-5 PASTERNACK-PE1001-5 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.02 Pin Diameter 0.158 Body Diameter And 0.229 Pin Length
More results

Similar Description - PE1001-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1013-6 PASTERNACK-PE1013-6 Datasheet
328Kb / 2P
   Hermetic Seal Solder Contact With 0.012 Diameter Full Radius Pin, 0.076 Body Diameter And 0.041 Pin Length
PE1001-1 PASTERNACK-PE1001-1 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.1 Body Diameter And 0.18 Pin Length
PE1001-3 PASTERNACK-PE1001-3 Datasheet
203Kb / 2P
   Hermetic Seal Solder Contact With 0.018 Pin Diameter 0.112 Body Diameter And 0.18 Pin Length
PE1001-4 PASTERNACK-PE1001-4 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.02 Pin Diameter, 0.158 Body Diameter And 0.07 Pin Length
PE1001-5 PASTERNACK-PE1001-5 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.02 Pin Diameter 0.158 Body Diameter And 0.229 Pin Length
PE1013-7 PASTERNACK-PE1013-7 Datasheet
324Kb / 2P
   Hermetic Seal Solder Contact With 0.009 Diameter Full Radius Pin, 0.068 Body Diameter And 0.031 Pin Length
PE1013-3 PASTERNACK-PE1013-3 Datasheet
323Kb / 2P
   Hermetic Seal Solder Contact With 0.018 Diameter Full Radius Pin, 0.112 Body Diameter And 0.18 Pin Length
PE1013-2 PASTERNACK-PE1013-2 Datasheet
324Kb / 2P
   Hermetic Seal Solder Contact With 0.015 Diameter Full Radius Pin, 0.1 Body Diameter And 0.18 Pin Length
PE1001-7 PASTERNACK-PE1001-7 Datasheet
209Kb / 2P
   Hermetic Seal Solder Contact With 0.009 Pin Diameter 0.068 Body Diameter And 0.031 Pin Lengthq
PE1001-2 PASTERNACK-PE1001-2 Datasheet
203Kb / 2P
   HERMETIC Seal Solder Contact with 0.015 Pin Diameter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com