Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML61X133XX Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML61X133XX
Description  Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61X133XX Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML61X133XX Datasheet HTML 1Page - Minilogic Device Corporation Limited ML61X133XX Datasheet HTML 2Page - Minilogic Device Corporation Limited ML61X133XX Datasheet HTML 3Page - Minilogic Device Corporation Limited ML61X133XX Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61X133XX Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61X133XX Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61X133XX Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61X133XX Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61X133XX Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
P2/13
Rev. H, August 2009
ML61
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max Units
VDF = 1.1V to 1.9V
X0.97
VDF
X1.03
V
Detect Voltage
VDF
VDF = 2.0V to 7.0V
X0.98
VDF
X1.02
V
VDF = 1.1V to 2.9V
X0.04
VDF
X0.05
X0.06
V
Hysteresis Range
VHYS
VDF = 3.0V to 7.0V
X0.015 VDF X0.025 X0.035
V
VIN = 1.0V
0.8
2.0
VIN = 2.0V
1.0
2.5
VIN = 3.0V
1.3
3.0
VIN = 4.0V
1.6
3.5
Supply Current
ISS
VIN = 5.0V
2.0
4.0
uA
Operating Voltage
VIN
VDF = 1.1~7.0V
0.8
10.0
V
Nch
VDS = 0.5V
VIN = 1.0V
1.0
VIN = 2.0V
3.0
VIN = 3.0V
5.0
VIN = 4.0V
11.0
VIN = 5.0V
13.0
Pch
VDS = 2.1V
VIN = 8.0V
-10.0
Output Current
IOUT
(CMOS Output)
mA
Transient Delay Time
(VDR -> VOUT Inversion)
tDLY
While VIN changes from
0.6V to 10V
0.2
ms


Similar Part No. - ML61X133XX

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML61X133XX MINILOGIC-ML61X133XX Datasheet
892Kb / 14P
   Series Positive Voltage Detector
More results

Similar Description - ML61X133XX

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML62 MINILOGIC-ML62 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
logo
Raltron Electronics Cor...
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC702 RALTRON-CMC702 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
   54mW typical power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com