Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML62442 Datasheet(PDF) 11 Page - Minilogic Device Corporation Limited

Part # ML62442
Description  Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62442 Datasheet(HTML) 11 Page - Minilogic Device Corporation Limited

Back Button ML62442 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML62442 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62442 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62442 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62442 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62442 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML62442 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML62442 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML62442 Datasheet HTML 12Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
P11/12
Rev. G, July 2005
ML62
SOT-89 Taping Specifications :
Direction of feed
“R” type [Orientation of Device: Right]
Standard Type
SOT-89 :
SIZE (mm)
A
∅ 178 ± 0.8
B
2 ± 0.2
C
∅ 13 ± 0.2
D
∅ 21 ± 0.8
G
12 ± 0.5
H
∅ 60
1,000 pcs / reel
4.0 ± 0.1
8.0 ± 0.1
2.0 ± 0.05
∅ 1.5
+ 0.1
0
“L” type [Orientation of Device: Left]
Reverse Type
Direction of feed


Similar Part No. - ML62442

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML62442 MINILOGIC-ML62442 Datasheet
511Kb / 13P
   Positive Voltage Regulator
More results

Similar Description - ML62442

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML61 MINILOGIC-ML61_09 Datasheet
499Kb / 13P
   Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
logo
Raltron Electronics Cor...
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC702 RALTRON-CMC702 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE502 ACE-ACE502 Datasheet
309Kb / 12P
   400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8553 BELLING-BL8553 Datasheet
1Mb / 13P
   400mA CMOS Low Dropout Voltage Low consumption Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com