Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML61X592XX Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML61X592XX
Description  Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61X592XX Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML61X592XX Datasheet HTML 1Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 2Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 3Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
P3/13
Rev. H, August 2009
ML61
Electrical Characteristics By Detector Threshold
Standard
Detector
Accuracy
MIN.
TYP.
MAX.
MIN.
MAX.
Condition
TYP.
MAX.
ML61X113XX
1.067
1.100
1.133
ML61X123XX
1.164
1.200
1.236
ML61X133XX
1.261
1.300
1.339
ML61X143XX
1.358
1.400
1.442
ML61X153XX
1.455
1.500
1.545
ML61X163XX
1.552
1.600
1.648
ML61X173XX
1.649
1.700
1.751
ML61X183XX
1.746
1.800
1.854
ML61X193XX
1.843
1.900
1.957
ML61X202XX
1.960
2.000
2.040
ML61X212XX
2.058
2.100
2.142
ML61X222XX
2.156
2.200
2.244
ML61X232XX
2.254
2.300
2.346
ML61X242XX
2.352
2.400
2.448
ML61X252XX
2.450
2.500
2.550
ML61X262XX
2.548
2.600
2.652
ML61X272XX
2.646
2.700
2.754
ML61X282XX
2.744
2.800
2.856
ML61X292XX
2.842
2.900
2.958
ML61X302XX
2.940
3.000
3.060
ML61X312XX
3.038
3.100
3.162
ML61X322XX
3.136
3.200
3.264
ML61X332XX
3.234
3.300
3.366
ML61X342XX
3.332
3.400
3.468
ML61X352XX
3.430
3.500
3.570
ML61X362XX
3.528
3.600
3.672
ML61X372XX
3.626
3.700
3.774
ML61X382XX
3.724
3.800
3.876
ML61X392XX
3.822
3.900
3.978
ML61X402XX
3.920
4.000
4.080
ML61X412XX
4.018
4.100
4.182
ML61X422XX
4.116
4.200
4.284
ML61X432XX
4.214
4.300
4.386
ML61X442XX
4.312
4.400
4.488
ML61X452XX
4.410
4.500
4.590
ML61X462XX
4.508
4.600
4.692
ML61X472XX
4.606
4.700
4.794
ML61X482XX
4.704
4.800
4.896
ML61X492XX
4.802
4.900
4.998
ML61X502XX
4.900
5.000
5.100
ML61X512XX
4.998
5.100
5.202
ML61X522XX
5.096
5.200
5.304
ML61X532XX
5.194
5.300
5.406
ML61X542XX
5.292
5.400
5.508
ML61X552XX
5.390
5.500
5.610
ML61X562XX
5.488
5.600
5.712
ML61X572XX
5.586
5.700
5.814
ML61X582XX
5.684
5.800
5.916
ML61X592XX
5.782
5.900
6.018
ML61X602XX
5.880
6.000
6.120
ML61X702XX
6.860
7.000
7.210
VIN = 6.0V
2.4
4.5
2.5
2.0
1.0
VIN = 1.0V
0.8
VIN = 2.0V
VIN = 5.0V
2.0
4.0
VIN = 3.0V
1.3
3.0
VIN = 4.0V
1.6
3.5
Supply Current
ISS (uA)
3%
Hysteresis Range
VHYS (V)
Detector Threshold
VDF (V)
VDF x 0.04
VDF x 0.06
2%
Part Number
VDF x 0.015 VDF x 0.035


Similar Part No. - ML61X592XX

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML61X592XX MINILOGIC-ML61X592XX Datasheet
892Kb / 14P
   Series Positive Voltage Detector
More results

Similar Description - ML61X592XX

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML62 MINILOGIC-ML62 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
logo
Raltron Electronics Cor...
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC702 RALTRON-CMC702 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
   54mW typical power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com