Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQESERIES Datasheet(PDF) 2 Page - TDK Electronics

Part # IQESERIES
Description  96 - 204W Quarter Brick Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IQESERIES Datasheet(HTML) 2 Page - TDK Electronics

  IQESERIES Datasheet HTML 1Page - TDK Electronics IQESERIES Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
207
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A7: Jan 2013
iQE Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/iqe-series.htm
Other models available for volume opportunities. Contact factory.
PIN
Function
1
Vin (+)
2
On / Off
3
Vin (-)
4
Vout (-)
5
Sense (-)
6
Trim
7
Sense (+)
8
Vout (+)
Pinout
Recommended Footprint (Top View)
Input
Output
Adjust
Max.
Max. Output
On/Off
Pin
Model
Voltage (V)
Voltage (V)
Range (V)
Curr. (A)
Power (W)
Polarity
Length
iQE48040A033V-001-R
36 - 75
3.3
2.97 - 3.63
40
132
Neg
0.145
iQE24024A050V-001-R
18 - 36
5
4.5 - 5.5
24
120
Neg
0.145
iQE48030A050V-001-R
36 - 75
5
4.5 - 5.5
30
150
Neg
0.145
iQE24009A120V-001-R
18 - 36
12
10.8 - 13.2
9
108
Neg
0.145
iQE4W011A120V-001-R
18 - 60
12
10.8 - 13.2
11
132
Neg
0.145
iQE48017A120V-001-R
36 - 75
12
10.8 - 13.2
17
204
Neg
0.145
iQE48010A150V-007-R
36 - 75
15
13.5 - 16.5
10
150
Neg
0.180
Model Selector
3
2
1
8
7
6
5
4
Preferred Model


Similar Part No. - IQESERIES

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IQE004NE1LM7 INFINEON-IQE004NE1LM7 Datasheet
1,020Kb / 11P
   MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE004NE1LM7CG INFINEON-IQE004NE1LM7CG Datasheet
1Mb / 11P
   MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE004NE1LM7CGSC INFINEON-IQE004NE1LM7CGSC Datasheet
1Mb / 11P
   MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE004NE1LM7SC INFINEON-IQE004NE1LM7SC Datasheet
1Mb / 11P
   MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE006NE2LM5 INFINEON-IQE006NE2LM5 Datasheet
1Mb / 13P
   OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-03-16
More results

Similar Description - IQESERIES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
BQ50120QTA20 SYNQOR-BQ50120QTA20 Datasheet
512Kb / 12P
   Quarter-brick DC Bus Converter
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com