Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

748-980-76-51 Datasheet(PDF) 5 Page - Marl International Limited

Part # 748-980-76-51
Description  High Efficiency Components Used For Maximum Energy Saving
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

748-980-76-51 Datasheet(HTML) 5 Page - Marl International Limited

  748-980-76-51 Datasheet HTML 1Page - Marl International Limited 748-980-76-51 Datasheet HTML 2Page - Marl International Limited 748-980-76-51 Datasheet HTML 3Page - Marl International Limited 748-980-76-51 Datasheet HTML 4Page - Marl International Limited 748-980-76-51 Datasheet HTML 5Page - Marl International Limited 748-980-76-51 Datasheet HTML 6Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ILLUMINANCE LEVELS OF PHOTOMETRIC SIMULATION
PHOTOMETRIC IMAGE OF MEDIUM OPTIC LED FLOODLIGHT
PHOTOMETRIC IMAGE OF WIDE OPTIC LED FLOODLIGHT
RELUX SIMULATION EXAMPLES FOR MEDIUM AND WIDE ANGLE VERSIONS
11/04/12
RW
NJO
19/03/12
DT
MODEL NAME
SHEET
DRAWING NO
ISSUE
SPL8801
5
ASS8800
6
ISSUE
MODIFICATION
DRN
DATE
1
ORIGINAL ISSUE
RE
025/12
e: sales@marl.co.uk
TO A THIRD PARTY WITHOUT THE PRIOR WRITTEN CONSENT OF MARL INTERNATIONAL LIMITED
TOLERANCE/ SCALE UOS
LINEAR
ANGULAR
ORIGINAL SCALE
ALL DIMENSIONS
IN MM
DRN:
DATE:
CHK1:
CHK2:
OF 6
±0.1
±1°
NA
05/01/11
05/01/11
107/11
5
DT
22/12/11
17/11/11
102/11
RW
Marl International Limited
w: www.marl.co.uk
FEATURES
Marl Business Park
Ulverston
Cumbria
LA12 9BN
t: +44 (0) 1229 582430
f: +44 (0) 1229 585155
© MARL INTERNATIONAL LIMITED 2010 THIS DRAWING AND COPYRIGHT THEREIN BELONGS TO MARL INTERNATIONAL LIMITED AND MUST NOT BE COPIED OR DISCLOSED
RE
4
074/11
GR
14/09/11
3
035/11
2
20/05/11
RW
EXPECTANCY.
LOW PROFILE LED FLOODLIGHT
HIGH EFFICIENCY
COMPONENTS USED
FOR MAXIMUM ENERGY
SAVING.
LONG LIFE AND
RELIABILITY ELIMINATE
MAINTENANCE PERIOD
FOR 60,000HRS (13 YRS
@12 HRS PER DAY).
DURABLE POWDER
COATED IP66 HOUSING
WITH TEMPERED GLASS.
EQUIVALENT TO 250W
HALOGEN FLOOD LIGHT
WITH UP TO 30 x
LONGER LIFE
6


Similar Part No. - 748-980-76-51

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
748-982-76-50 MARL-748-982-76-50 Datasheet
2Mb / 3P
   High Efficiency Components Used For Maximum Energy Saving
More results

Similar Description - 748-980-76-51

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
SPL9066 MARL-SPL9066 Datasheet
2Mb / 3P
   High Efficiency Components Used For Maximum Energy Saving
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
   Energy-saving light
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
VIPER11 STMICROELECTRONICS-VIPER11 Datasheet
1Mb / 37P
   Energy saving offline high voltage converter
Rev 5 April 2020
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
   Energy-saving axial fan
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01 Datasheet
326Kb / 2P
   Energy-saving axial fans
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01_16 Datasheet
415Kb / 2P
   Energy-saving axial fans
logo
STMicroelectronics
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
   Energy saving off-line high voltage converter
March 2016 Rev 1
logo
Recom International Pow...
REDIM RECOM-REDIM Datasheet
418Kb / 3P
   suitable for energy-saving lamps, dimmable LED lamps
logo
Sharp Corporation
GP1UD287YK SHARP-GP1UD287YK Datasheet
109Kb / 7P
   Energy Saving Type Low Dissipation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com