Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010528 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010528
Description  The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010528 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010528 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. V1
3
3
X-Band Low Noise Amplifier
8 - 12 GHz
Rev. V3
MAAL-010528
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
Recommended PCB
Application Schematic8,9
Parts List
Component
Value
Package
C1, C4, C7, C10
2.2 pF
0402
C2, C5, C8, C11
100 pF
0402
C3, C6, C9, C12
0.01 µF
0402
8. For self-bias, external components C7 through C12 are
optional. No VG bias is needed. If C7 through C12 are
removed, traces must also be removed.
9. For optional adjustment of self-bias, apply D.C. gate voltage
between –1 V and +0.3 V. External components C7 through
C12 are required.


Similar Part No. - MAAL-010528

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   X-Band Low Noise Amplifier
MAAL-010528-001SMB MA-COM-MAAL-010528-001SMB Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
MAAL-010528-TR0500 MA-COM-MAAL-010528-TR0500 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
MAAL-010528 MA-COM-MAAL-010528_15 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
More results

Similar Description - MAAL-010528

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMF-011024 MA-COM-MAMF-011024 Datasheet
834Kb / 8P
   Lead-Free 4 mm 24-lead PQFN Package
logo
Littelfuse
SM7 LITTELFUSE-SM7 Datasheet
780Kb / 5P
   The Littelfuse SM7 is a plastic-encapsulated surface mount MOV in a PPS material molded package with tin-plated terminal which is fully qualified in lead free
logo
Advanced Crystal Techno...
ACTSTE01 ACT-ACTSTE01 Datasheet
175Kb / 2P
   TCXO/ VCTCXO housed in a Surface Mount
20/3/06
logo
List of Unclassifed Man...
NJM2406F-TE1 ETC-NJM2406F-TE1 Datasheet
157Kb / 4P
   The NJM2406 is a single comparator of ultra miniature surface mount package.
logo
TEMEX
RXO2520P TEMEX-RXO2520P Datasheet
591Kb / 7P
   High Performance XO in 2.5 x 2.0 mm Surface Mount package
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
   The A2500R24A is a high-performance
logo
Richtek Technology Corp...
RT9038 RICHTEK-RT9038 Datasheet
157Kb / 9P
   The RT9038 is a high-performance
logo
Anaren Microwave
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
   The A1101R09C is a high-performance
A2530E24CZ1 ANAREN-A2530E24CZ1 Datasheet
1Mb / 2P
   The A2530E24CZ1 is a high-performance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com