Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010528-TR0500 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010528-TR0500
Description  The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010528-TR0500 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010528-TR0500 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010528-TR0500 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010528-TR0500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010528-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010528-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010528-TR0500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010528-TR0500 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. V1
2
2
X-Band Low Noise Amplifier
8 - 12 GHz
Rev. V3
MAAL-010528
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Electrical Specifications: TA = 25°C, VDD = 4 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
8 - 12 GHz
dB
17.5
20
Noise figure
8 GHz
10 GHz
12 GHz
dB
1.5
1.8
2.1
2.0
2.3
2.8
Input Return Loss
8 - 12 GHz
dB
10
Output Return Loss
8 - 12 GHz
dB
13
P1dB
8 - 12 GHz
dBm
14
OIP3
8 - 12 GHz
dBm
26
Current
mA
60
75
Absolute Maximum Ratings6,7
Parameter
Absolute Maximum
Input Power
+22 dBm
Operating Voltage
6 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
HBM Class 1B devices.


Similar Part No. - MAAL-010528-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010528-TR0500 MA-COM-MAAL-010528-TR0500 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
More results

Similar Description - MAAL-010528-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMF-011024 MA-COM-MAMF-011024 Datasheet
834Kb / 8P
   Lead-Free 4 mm 24-lead PQFN Package
logo
Littelfuse
SM7 LITTELFUSE-SM7 Datasheet
780Kb / 5P
   The Littelfuse SM7 is a plastic-encapsulated surface mount MOV in a PPS material molded package with tin-plated terminal which is fully qualified in lead free
logo
Advanced Crystal Techno...
ACTSTE01 ACT-ACTSTE01 Datasheet
175Kb / 2P
   TCXO/ VCTCXO housed in a Surface Mount
20/3/06
logo
List of Unclassifed Man...
NJM2406F-TE1 ETC-NJM2406F-TE1 Datasheet
157Kb / 4P
   The NJM2406 is a single comparator of ultra miniature surface mount package.
logo
TEMEX
RXO2520P TEMEX-RXO2520P Datasheet
591Kb / 7P
   High Performance XO in 2.5 x 2.0 mm Surface Mount package
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
   The A2500R24A is a high-performance
logo
Richtek Technology Corp...
RT9038 RICHTEK-RT9038 Datasheet
157Kb / 9P
   The RT9038 is a high-performance
logo
Anaren Microwave
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
   The A1101R09C is a high-performance
A2530E24CZ1 ANAREN-A2530E24CZ1 Datasheet
1Mb / 2P
   The A2530E24CZ1 is a high-performance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com