Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JN5168-001 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # JN5168-001
Description  IEEE802.15.4 Wireless Microcontroller
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5168-001 Datasheet(HTML) 4 Page - NXP Semiconductors

  JN5168-001 Datasheet HTML 1Page - NXP Semiconductors JN5168-001 Datasheet HTML 2Page - NXP Semiconductors JN5168-001 Datasheet HTML 3Page - NXP Semiconductors JN5168-001 Datasheet HTML 4Page - NXP Semiconductors JN5168-001 Datasheet HTML 5Page - NXP Semiconductors JN5168-001 Datasheet HTML 6Page - NXP Semiconductors JN5168-001 Datasheet HTML 7Page - NXP Semiconductors JN5168-001 Datasheet HTML 8Page - NXP Semiconductors JN5168-001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
4
JN-DS-JN516x v1.1 Production
© NXP Laboratories UK 2013
17.1.1 Operation
55
17.1.2 Supply Monitor
56
17.1.3 Temperature Sensor
56
17.2 Comparator
56
18 Power Management and Sleep Modes
57
18.1 Operating Modes
57
18.1.1 Power Domains
57
18.2 Active Processing Mode
57
18.2.1 CPU Doze
57
18.3 Sleep Mode
57
18.3.1 Wakeup Timer Event
58
18.3.2 DIO Event
58
18.3.3 Comparator Event
58
18.3.4 Pulse Counter
58
18.4 Deep Sleep Mode
58
19 Electrical Characteristics
59
19.1 Maximum Ratings
59
19.2 DC Electrical Characteristics
59
19.2.1 Operating Conditions
59
19.2.2 DC Current Consumption
60
19.2.3 I/O Characteristics
61
19.3 AC Characteristics
61
19.3.1 Reset and Supply Voltage Monitor
61
19.3.2 SPI Master Timing
63
19.3.3 Two-wire Serial Interface
64
19.3.4 Wakeup Timings
64
19.3.5 Bandgap Reference
65
19.3.6 Analogue to Digital Converters
65
19.3.7 Comparator
66
19.3.8 32kHz RC Oscillator
66
19.3.9 32kHz Crystal Oscillator
67
19.3.10 32MHz Crystal Oscillator
67
19.3.11 High-Speed RC Oscillator
68
19.3.12 Temperature Sensor
68
19.3.13 Radio Transceiver
69
Appendix A Mechanical and Ordering Information
75
A.1 SOT618-1 HVQFN40 40-pin QFN Package Drawing
75
A.2 Footprint information
76
A.3 Ordering Information
78
A.4 Device Package Marking
79
A.5 Tape and Reel Information
80
A.5.1 Tape Orientation and Dimensions
80
A.5.2 Reel Information: 180mm Reel
81
A.5.3 Reel Information: 330mm Reel
82
A.5.4 Dry Pack Requirement for Moisture Sensitive Material
82
Appendix B Development Support
83
B.1 Crystal Oscillators
83
B.1.1 Crystal Equivalent Circuit
83


Similar Part No. - JN5168-001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
JN5168-001-M00 NXP-JN5168-001-M00 Datasheet
765Kb / 29P
   JenNet-IP, ZigBee PRO and IEEE802.15.4 Module
JN5168-001-M03 NXP-JN5168-001-M03 Datasheet
765Kb / 29P
   JenNet-IP, ZigBee PRO and IEEE802.15.4 Module
JN5168-001-M05 NXP-JN5168-001-M05 Datasheet
765Kb / 29P
   JenNet-IP, ZigBee PRO and IEEE802.15.4 Module
JN5168-001-M06 NXP-JN5168-001-M06 Datasheet
765Kb / 29P
   JenNet-IP, ZigBee PRO and IEEE802.15.4 Module
JN5168-001-MYY NXP-JN5168-001-MYY Datasheet
765Kb / 29P
   JenNet-IP, ZigBee PRO and IEEE802.15.4 Module
More results

Similar Description - JN5168-001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
JN5169 NXP-JN5169 Datasheet
3Mb / 95P
   IEEE802.15.4 Wireless Microcontroller
Rev.1.2-22 September 2017
logo
List of Unclassifed Man...
DW1000 ETC2-DW1000 Datasheet
1Mb / 49P
   IEEE802.15.4-2011 UWB Transceiver
logo
ATMEL Corporation
SAM-R21E ATMEL-SAM-R21E_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
SAM-R21G ATMEL-SAM-R21G_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
M44C090 ATMEL-M44C090 Datasheet
503Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR080 ATMEL-ATAR080 Datasheet
750Kb / 68P
   Low-current Microcontroller for Wireless Communication
ATAR092-D ATMEL-ATAR092-D Datasheet
1Mb / 96P
   Low-current Microcontroller for Wireless Communication
M44C090-H ATMEL-M44C090-H Datasheet
505Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR090-C ATMEL-ATAR090-C Datasheet
834Kb / 76P
   Low-current Microcontroller for Wireless Communication
logo
Texas Instruments
CC2538 TI1-CC2538_15 Datasheet
920Kb / 33P
[Old version datasheet]   Powerful Wireless Microcontroller System-On-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com