Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9683 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9683
Description  SMA Female to Reverse Thread SMA Male Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9683 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9683 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9683 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9683 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female to Reverse Thread SMA Male Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
SMA Male Reverse Thread
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.708 [17.98]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMA Male Reverse Thread
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female to Reverse Thread SMA Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to Reverse Thread SMA Male Adapter PE9683
PE9683
PE9683 REV


Similar Part No. - PE9683

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9680 PASTERNACK-PE9680 Datasheet
102Kb / 1P
   PAL PLUG TO PAL PLUG
PE9681 PASTERNACK-PE9681 Datasheet
102Kb / 1P
   PAL JACK TO PAL JACK
PE9682 PASTERNACK-PE9682 Datasheet
258Kb / 3P
   SMA Male to Reverse Thread SMA Female Adapter
PE9684 PASTERNACK-PE9684 Datasheet
257Kb / 3P
   SMA Female to N Male QD Adapter
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
   QD SSMA Male to SSMA Female Adapter
More results

Similar Description - PE9683

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9682 PASTERNACK-PE9682 Datasheet
258Kb / 3P
   SMA Male to Reverse Thread SMA Female Adapter
PE9533 PASTERNACK-PE9533 Datasheet
244Kb / 2P
   SMA Female to Reverse Polarity SMA Male Adapter
PE9534 PASTERNACK-PE9534 Datasheet
244Kb / 2P
   SMA Male to Reverse Polarity SMA Female Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
   Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91265 PASTERNACK-PE91265 Datasheet
347Kb / 3P
   QD SMA Male to Reverse Polarity SMA Female Adapter
PE91267 PASTERNACK-PE91267 Datasheet
348Kb / 3P
   QD Reverse Polarity SMA Male to SMA Female Adapter
PE35373LF PASTERNACK-PE35373LF Datasheet
288Kb / 1P
   CABLE ASSEMBLY, RG316/U, REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
PE35353 PASTERNACK-PE35353 Datasheet
279Kb / 1P
   CABLE ASSEMBLY RG142B/U REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
PE35369 PASTERNACK-PE35369 Datasheet
116Kb / 1P
   CABLE ASSEMBLY RG223/U REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
PE35349 PASTERNACK-PE35349 Datasheet
279Kb / 1P
   CABLE ASSEMBLY, RG25C/U, REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com