Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5019YFT Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5019YFT
Description  Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5019YFT Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5019YFT Datasheet HTML 1Page - Micrel Semiconductor MIC5019YFT Datasheet HTML 2Page - Micrel Semiconductor MIC5019YFT Datasheet HTML 3Page - Micrel Semiconductor MIC5019YFT Datasheet HTML 4Page - Micrel Semiconductor MIC5019YFT Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micrel, Inc.
MIC5019 Evaluation Board
August 2012
2
M9999-082212-A
hbwhelp@micrel.com or (408) 955-1690
Typical Characteristics
VDD Supply Current
vs. Supply Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
SUPPLY VOLTAGE (V)
-40°C
25°C
125°C
IN=VDD
VDD Supply Current
vs. Supply Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
SUPPLY VOLTAGE (V)
-40°C
25°C
125°C
IN=GND
Output Voltage
vs. Supply Voltage
0
4
8
12
16
20
0
2
4
6
8
10
SUPPLY VOLTAGE (V)
-40°C
125°C
25°C
Output Voltage
vs. Output Current
0
2
4
6
8
10
12
14
16
18
0
20
40
60
80
100
120
140
160
OUTPUT CURRENT (
µA)
VDD = IN = 2.7V
VDD = IN = 3.3V
VDD=IN =5V
VDD=IN=9V
Output Voltage
vs. Output Current
0
2
4
6
8
10
12
14
16
18
0
20
40
60
80
100
120
140
160
OUTPUT CURRENT (
µA)
-40°C
25°C
125°C
VDD=IN=5V
IN Current
vs. Supply Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
SUPPLY VOLTAGE (V)
-40°C
25°C
125°C
IN = 2.7V
OUT Turn-On Time
vs. Load Capacitance
0
1
2
3
4
5
0
1000
2000
3000
4000
5000
CAPACITANCE (pF)
VDD=9V
VDD=5V
VDD=3V
OUT Turn-Off Time
vs. Load Capacitance
0
4
8
12
16
20
0
1000
2000
3000
4000
5000
CAPACITANCE (pF)
VDD=5V
VDD=3V
VDD=9V


Similar Part No. - MIC5019YFT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5019YFT MICREL-MIC5019YFT Datasheet
386Kb / 12P
   Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
More results

Similar Description - MIC5019YFT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5019 MICREL-MIC5019 Datasheet
386Kb / 12P
   Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
TEXAS ADVANCED OPTOELEC...
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
logo
Microchip Technology
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
   High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
MIC5060 MICROCHIP-MIC5060 Datasheet
1Mb / 24P
   Ultra-Small High-Side MOSFET Driver
09/14/21
logo
Micrel Semiconductor
MIC5060 MICREL-MIC5060_10 Datasheet
512Kb / 12P
   Ultra Small High-Side MOSFET Driver
logo
Mitsumi Electronics, Co...
MM3746 MITSUMI-MM3746 Datasheet
201Kb / 3P
   N channel high side FET drive by charge pump
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com