Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4415YFT Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC4415YFT
Description  1.5A, 4.5V to 18V Low-Side MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4415YFT Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC4415YFT Datasheet HTML 6Page - Micrel Semiconductor MIC4415YFT Datasheet HTML 7Page - Micrel Semiconductor MIC4415YFT Datasheet HTML 8Page - Micrel Semiconductor MIC4415YFT Datasheet HTML 9Page - Micrel Semiconductor MIC4415YFT Datasheet HTML 10Page - Micrel Semiconductor MIC4415YFT Datasheet HTML 11Page - Micrel Semiconductor MIC4415YFT Datasheet HTML 12Page - Micrel Semiconductor MIC4415YFT Datasheet HTML 13Page - Micrel Semiconductor MIC4415YFT Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
MIC4414/MIC4415
August 2012
11
M9999-080112-A
When the MOSFET is driven off, the slower rise occurs
because the MOSFET’s output capacitance recharges
through the load resistance (RC circuit). A lower load
resistance allows the output to rise faster. For the fastest
driver operation, choose the smallest power MOSFET
that will safely handle the desired voltage, current, and
safety margin. The smallest MOSFETs generally have
the lowest capacitance.


Similar Part No. - MIC4415YFT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416 Datasheet
122Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC4416BM4 MICREL-MIC4416BM4 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
MIC4416BM4 MICREL-MIC4416BM4 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
More results

Similar Description - MIC4415YFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65581 TI1-TPS65581 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65580PWPR TI-TPS65580PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
logo
Rohm
BD9C401EFJ ROHM-BD9C401EFJ Datasheet
1Mb / 22P
   4.5V to 18V Input, 4.0A Integrated MOSFET
BD9C501EFJ ROHM-BD9C501EFJ Datasheet
1,023Kb / 22P
   4.5V to 18V Input, 5.0A Integrated MOSFET
BD9C601EFJ ROHM-BD9C601EFJ Datasheet
1,022Kb / 22P
   4.5V to 18V Input, 6.0A Integrated MOSFET
BD9D320EFJ ROHM-BD9D320EFJ Datasheet
1Mb / 26P
   4.5V to 18V Input, 3.0A Integrated MOSFET
BD9C301FJ ROHM-BD9C301FJ Datasheet
978Kb / 22P
   4.5V to 18V Input, 3.0A Integrated MOSFET
logo
Micrel Semiconductor
MIC4223 MICREL-MIC4223 Datasheet
515Kb / 20P
   Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
logo
MIC GROUP RECTIFIERS
MIC4223 MIC-MIC4223_11 Datasheet
515Kb / 20P
   Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
99Kb / 8P
   Dual 1.5A-Peak Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com