Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8026 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8026
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8026 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8026 Datasheet HTML 4Page - Linear Technology LTM8026 Datasheet HTML 5Page - Linear Technology LTM8026 Datasheet HTML 6Page - Linear Technology LTM8026 Datasheet HTML 7Page - Linear Technology LTM8026 Datasheet HTML 8Page - Linear Technology LTM8026 Datasheet HTML 9Page - Linear Technology LTM8026 Datasheet HTML 10Page - Linear Technology LTM8026 Datasheet HTML 11Page - Linear Technology LTM8026 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTM8001
8
8001f
For more information www.linear.com/8001
TYPICAL PERFORMANCE CHARACTERISTICS
LDO Input-to-Output Dropout
Voltage vs Output Current
LDO VBIAS-to-Output Dropout
Voltage vs Output Current
LDO Current Limit vs Input-to-
Output Differential Voltage
LDO Temperature Rise vs LDO
Output Current (VIN = 24V,
VOUT0 = 12V, 1 LDO Powered)
LDO Temperature Rise vs LDO
Output Current (VIN = 24V,
VOUT0 = 12V, 5 LDOs in Parallel)
(TA = 25°C unless otherwise noted. Configured per Table 1, where applicable.)
LDO Input Voltage Ripple Rejection
(VOUT4 = 2.5V,
VIN45 = VBIAS45 = 4.5V)
LDO Input Voltage Ripple Rejection
(VOUT4 = 2.5V, VBIAS45 = 4.5V,
VIN45 = 3.5V)
OUTPUT CURRENT (mA)
0
150
200
250
600
1000
8001 G31
100
50
0
200
400
800
300
350
400
OUTPUT CURRENT (mA)
0
1.40
1.42
1.44
600
1000
8001 G32
1.38
1.36
1.34
200
400
800
1.46
1.48
1.52
1.50
INPUT-TO-OUTPUT DIFFERENTIAL (V)
0
800
1000
1200
40
8001 G33
600
400
0
10
20
30
200
1600
1400
LDO OUTPUT CURRENT (mA)
0
0
20
40
60
80
120
500
1000
8001 G34
1500
LDO
INPUT-TO-OUTPUT
DIFFERENTIAL
VOLTAGE
100
0.5V
1.6V
2.4V
4V
7V
9.5V
11.9V
TOTAL LDO OUTPUT CURRENT (A)
0
0
20
40
60
80
120
1
2
3
4
8001 G35
5
LDO
INPUT-TO-OUTPUT
DIFFERENTIAL
VOLTAGE
100
0.5V
0.9V
2V
4V
7V
8.7V
11.9V
FREQUENCY (Hz)
10
60
80
100
8001 G36
40
20
50
70
90
30
10
0
102
103
104
105
106
ILOAD = 100mA
ILOAD = 1.1A
FREQUENCY (Hz)
10
60
80
100
8001 G37
40
20
50
70
90
30
10
0
102
103
104
105
106
ILOAD = 100mA
ILOAD = 1.1A


Similar Part No. - LTM8026

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8026 LINER-LTM8026 Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8026 LINER-LTM8026 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LTM8026 LINER-LTM8026 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8026 LINER-LTM8026 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8026 LINER-LTM8026 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
More results

Similar Description - LTM8026

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
   36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
logo
Analog Devices
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
logo
Linear Technology
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
   Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
   Quad DC/DC 關Module Regulator with Configurable 3A Output Array
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
   Quad DC/DC Module Regulator with Configurable 4A Output Array
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com