Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6406 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6406
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6406 Datasheet HTML 6Page - Linear Technology LTC6406 Datasheet HTML 7Page - Linear Technology LTC6406 Datasheet HTML 8Page - Linear Technology LTC6406 Datasheet HTML 9Page - Linear Technology LTC6406 Datasheet HTML 10Page - Linear Technology LTC6406 Datasheet HTML 11Page - Linear Technology LTC6406 Datasheet HTML 12Page - Linear Technology LTC6406 Datasheet HTML 13Page - Linear Technology LTC6406 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC6417
10
6417f
Typical perForMance characTerisTics
HD3 at 700MHz vs VCM Over V+
HD3 at 700MHz
vs PWRADJ Over Temperature
HD3 at 600MHz vs VCM Over V+
HD3 at 600MHz
vs PWRADJ Over Temperature
HD3 at 700MHz
vs VCM Over Temperature
HD3 at 600MHz
vs VCM Over Temperature
OIP3 at 30MHz vs VCM Over V+
OIP3 at 30MHz
vs PWRADJ Over Temperature
OIP3 at 30MHz
vs VCM Over Temperature
VCM (V)
6417 G19
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–30
–40
–60
–50
–70
–80
25°C
–40°C
85°C
105°C
POUT = 11dBm
VCM (V)
6417 G20
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–30
–40
–60
–50
–70
–80
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 11dBm
PWRADJ (V)
6417 G21
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
–30
–40
–60
–50
–70
–80
–40°C
25°C
85°C
105°C
POUT = 11dBm
VCM (V)
6417 G22
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–30
–40
–60
–50
–70
–80
–40°C
25°C
105°C
85°C
POUT = 11dBm
VCM (V)
6417 G23
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–30
–40
–60
–50
–70
–80
POUT = 11dBm
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
PWRADJ (V)
6417 G24
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
–30
–40
–60
–50
–70
–80
–40°C
25°C
85°C
105°C
POUT = 11dBm
VCM (V)
6417 G25
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
85°C
105°C
25°C
–40°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G26
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 5dBm/TONE
∆FREQ = 1MHz
PWRADJ (V)
6417 G27
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
55
50
40
45
30
35
25
–40°C
105°C
85°C
25°C
POUT = 5dBm/TONE
∆FREQ = 1MHz


Similar Part No. - LTC6406

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6406 LINER-LTC6406 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6406 LINER-LTC6406 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6406

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6417 LINER-LTC6417_15 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver with Fast Clamp
logo
Analog Devices
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
logo
Linear Technology
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6416 LINER-LTC6416 Datasheet
385Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Pericom Semiconductor C...
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
logo
Linear Technology
LTC6430-20 LINER-LTC6430-20_15 Datasheet
2Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-15 LINER-LTC6430-15 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-15 LINER-LTC6430-15_15 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com