Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8062A Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8062A
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062A Datasheet(HTML) 5 Page - Linear Technology

  LTM8062A Datasheet HTML 1Page - Linear Technology LTM8062A Datasheet HTML 2Page - Linear Technology LTM8062A Datasheet HTML 3Page - Linear Technology LTM8062A Datasheet HTML 4Page - Linear Technology LTM8062A Datasheet HTML 5Page - Linear Technology LTM8062A Datasheet HTML 6Page - Linear Technology LTM8062A Datasheet HTML 7Page - Linear Technology LTM8062A Datasheet HTML 8Page - Linear Technology LTM8062A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTM8045
5
8045fa
For more information www.linear.com/8045
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current,
2.5VOUT SEPIC
Efficiency
–8VOUT Inverting Converter
Efficiency
–12VOUT Inverting Converter
Efficiency
–15VOUT Inverting Converter
Input Current vs Output Current,
3.3VOUT SEPIC
Input Current vs Output Current,
5VOUT SEPIC
Input Current vs Output Current,
8VOUT SEPIC
Input Current vs Output Current,
12VOUT SEPIC
Input Current vs Output Current,
15VOUT SEPIC
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G10
0
300
400
100
200
500
600
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G11
0
300
400
100
200
500
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G12
0
300
400
100
200
500
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
600
200
100
8045 G13
0
300 400
100 200
500 600 700 800
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
700
600
200
100
8045 G14
0
300 400
100 200
500 600 700 800
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
800
700
600
200
100
8045 G15
0
300 400
100 200
500 600 700
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
900
800
700
600
200
100
8045 G16
0
300
400
100
200
500
600
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
1000
900
800
700
600
200
100
8045 G17
0
300
400
100
200
500
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
900
800
700
600
200
100
8045 G18
0
300
400
100
200
500
5VIN
12VIN
18VIN


Similar Part No. - LTM8062A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8062A LINER-LTM8062A Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8062A LINER-LTM8062A Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8062A LINER-LTM8062A Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTM8062A LINER-LTM8062A_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
More results

Similar Description - LTM8062A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8045 LINER-LTM8045_15 Datasheet
289Kb / 22P
   Inverting or SEPIC Module DC/DC Converter with Up to 700mA Output Current
LTM8049 LINER-LTM8049 Datasheet
1Mb / 20P
   Dual SEPIC or Inverting 關Module DC/DC Converter
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8008 LINER-LTM8008 Datasheet
245Kb / 16P
   72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
logo
Torex Semiconductor
XC9519 TOREX-XC9519 Datasheet
1Mb / 38P
   Dual Output Step-Up/Inverting DC/DC Converter
logo
Linear Technology
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
logo
Panasonic Semiconductor
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
logo
Linear Technology
LTM8008 LINER-LTM8008_15 Datasheet
250Kb / 16P
   72VIN, 6 Output DC/DC SEPIC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com