Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9702 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9702
Description  SMA Male to FME Plug Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9702 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9702 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9702 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2012 Pasternack Enterprises All Rights Reserved
PE9702 REV
SMA Male to FME Plug Adapter
PE9702
CAD Drawing


Similar Part No. - PE9702

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
   3.0 GHz Integer-N PLL for Rad Hard Applications
PE9702 PEREGRINE-PE9702 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - PE9702

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9707 PASTERNACK-PE9707 Datasheet
253Kb / 2P
   SMA Male to FME Jack Adapter
PE9696 PASTERNACK-PE9696 Datasheet
239Kb / 2P
   FME Plug to FME Plug Adapter
PE9705 PASTERNACK-PE9705 Datasheet
242Kb / 2P
   Mini UHF Male to FME Plug Adapter
PE9708 PASTERNACK-PE9708 Datasheet
253Kb / 2P
   SMA Female to FME Jack Adapter
PE9703 PASTERNACK-PE9703 Datasheet
73Kb / 1P
   FME PLUG TO SMA FEMALE
PE9713 PASTERNACK-PE9713 Datasheet
255Kb / 2P
   TNC Male to FME Jack Adapter
PE9711 PASTERNACK-PE9711 Datasheet
252Kb / 2P
   FME Jack to BNC Male Adapter
PE9148 PASTERNACK-PE9148 Datasheet
245Kb / 3P
   SMA Male to SMC Plug Adapter
PE9699 PASTERNACK-PE9699 Datasheet
72Kb / 1P
   FME PLUG TO TNC MALE
PE9701 PASTERNACK-PE9701 Datasheet
77Kb / 1P
   FME PLUG TO UHF MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com