Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1TX6B-SX51-02A Datasheet(PDF) 5 Page - ORION FANS

Part # P1TX6B-SX51-02A
Description  The TX Data Module contains a 30 pin connector (DF12-30DS-0.5V(86)). For information on the specifications of the mating connector (DF12(4.0)-30DP-0.5V(86)), contact Hirose.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

P1TX6B-SX51-02A Datasheet(HTML) 5 Page - ORION FANS

  P1TX6B-SX51-02A Datasheet HTML 1Page - ORION FANS P1TX6B-SX51-02A Datasheet HTML 2Page - ORION FANS P1TX6B-SX51-02A Datasheet HTML 3Page - ORION FANS P1TX6B-SX51-02A Datasheet HTML 4Page - ORION FANS P1TX6B-SX51-02A Datasheet HTML 5Page - ORION FANS P1TX6B-SX51-02A Datasheet HTML 6Page - ORION FANS P1TX6B-SX51-02A Datasheet HTML 7Page - ORION FANS P1TX6B-SX51-02A Datasheet HTML 8Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ORIGINATOR:
C. ENG
DATE:
3/9/2012
DOCUMENT NO.
DOC002325
REV
A
P1TX6B-SX51-02A Product Specification
SHEET
5 OF 8
CONFIDENTIAL INFORMATION
6.0
Electrical Specifications – Bi-Directional Lanes
Transmit Parameter
Symbol
Min
Typ
Max
Units
Data Rate per Lane
Mb/s
Total Jitter (RMS)
13
TJ1
25
ps
Input Differential Impedance
100
ohm
Differential Input Voltage – Lane
4
2,14
mVp-p
Input Data Pattern
DC-balanced
Receive Parameter
Symbol
Min
Typ
Max
Units
Low Frequency Cutoff
FCUTOFF
35
kHz
Differential Output Voltage
15
VOD
835
mVp-p
Loss of Signal Assert Sensitivity
LOSSEN-ON
-15.5
dBm
Loss of Signal De-Assert Sensitivity LOSSEN-OFF
-13.5
dBm
Loss of Signal Output Low
16
VLOS
V
Loss of Signal Output High
VLOS
V
7.0
Fiber Transmission Distance
Data Rate
OM4
(4700 MHz*km)
OM3
(2000 MHz*km)
OM1
(160 MHz*km)
OM2
(500 MHz*km)
Units
1.65 Gbps
2000
1000
200
400
m
3.40 Gbps
1000
500
100
200
m
8.0
Laser Safety
The P1TX6-SX51-02 meets Class-3R requirements.
17
Use proper eye protection
and handling practices per ANSI Z136.
13
Based on a jitter-free source
14 Differential CML compatible inputs
15
Differential back-terminated CML outputs
16
This output is asserted low when a loss of signal is detected on all lanes
17
Lane 4 data input with 50% duty cycle


Similar Part No. - P1TX6B-SX51-02A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P1TX6B-SX51-02 OMRON-P1TX6B-SX51-02 Datasheet
316Kb / 8P
   5 transmit lanes and 1 return lane over a single multimode FIBER
More results

Similar Description - P1TX6B-SX51-02A

ManufacturerPart #DatasheetDescription
logo
ORION FANS
P1RX6B-SX51-02A ORIONFANS-P1RX6B-SX51-02A Datasheet
309Kb / 8P
   The RX Data Module contains a 30 pin connector (DF12-30DS-0.5V(86)).
P1TX4C-SX4-01MM ORIONFANS-P1TX4C-SX4-01MM Datasheet
250Kb / 7P
   The TX-SX4 plugs into a 30 pin connector. For information on the specifications of the connector, contact Hirose (DF12(4.0)-30DP-0.5V(86)).
logo
TE Connectivity Ltd
408-8639 TEC-408-8639 Datasheet
28Kb / 1P
   Push the tool into the contact cavity on the locking lance side of the connector
logo
Silicon Laboratories
11156 SILABS-11156 Datasheet
442Kb / 1P
   THE INFORMATION HEREIN CONTAINS PROPIETARY INFORMATION OF SULLINS ELECTRONICS AND IS NOT
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7630 AVAGO-ADNK-7630 Datasheet
115Kb / 1P
   The above technical information for the sensor
logo
Texas Instruments
SN74AHCT1G04DCKR TI-SN74AHCT1G04DCKR Datasheet
867Kb / 13P
[Old version datasheet]   The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
   The package and pin of the chip
logo
Advanced Monolithic Sys...
AMS421 ADMOS-AMS421_07 Datasheet
128Kb / 7P
   0.5V SHUNT REGULATOR
logo
Tyco Electronics
408-4348 MACOM-408-4348 Datasheet
246Kb / 5P
   Attached to the outside of the frame is a locator assembly, which contains a locator, a spring retainer, and a contact support.
logo
PHOENIX CONTACT
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
   In addition to the basic functions, the Pro version of WebVisit contains the following macros
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com