Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6236 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6236
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6236 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6236 Datasheet HTML 7Page - Linear Technology LT6236 Datasheet HTML 8Page - Linear Technology LT6236 Datasheet HTML 9Page - Linear Technology LT6236 Datasheet HTML 10Page - Linear Technology LT6236 Datasheet HTML 11Page - Linear Technology LT6236 Datasheet HTML 12Page - Linear Technology LT6236 Datasheet HTML 13Page - Linear Technology LT6236 Datasheet HTML 14Page - Linear Technology LT6236 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2314-14
11
231414f
For more information www.linear.com/2314-14
tTHROUGHPUT
tACQ-MIN
tACQ-MIN = 40ns
tCONV
tCONV(MIN) = 15 • tSCK + t2 + t10
16
15
5
4
3
2
1
CS
SCK
SDO
HI-Z STATE
(MSB)
*NOTE: SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
B0
0
B1
B11
B12
B13*
0
0
231414 TD06
t5
t6
t2
t4
t7
t10
t9
t3
Figure 6: LTC2314-14 Serial Interface Timing Diagram (SCK High During tACQ)
tTHROUGHPUT = 20 • tSCK
tACQ
tACQ = 4 • tSCK
tCONV
tCONV = 16 • tSCK
15
16
17
18
19
20
20
4
5
3
2
1
CS
SCK
SDO
HI-Z STATE
(MSB)
*NOTE: SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
B1
B0
0
B11
B12
B13*
0
0
231414 TD07
t5
t6
t2
t4 t7
t10
t9
t3
Figure 7: LTC2314-14 Serial Interface Timing Diagram (SCK Continuous)
applicaTions inForMaTion
tTHROUGHPUT
tACQ-MIN
tACQ-MIN = 40ns
tCONV
tCONV = 15.5 • tSCK + t2 + t10
16
15
14
4
3
2
1
CS
SCK
SDO
HI-Z STATE
(MSB)
*NOTE: SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
B0
0
B11
B12
B13*
0
231414 F05
t5
t6
t2
t4
t7
t9
t3
t10
Figure 5: LTC2314-14 Serial Interface Timing Diagram (SCK Low During tACQ)
Serial Data Output (SDO)
The SDO output is always forced into the high impedance
state while CS is high. The falling edge of CS starts the
conversion and enables SDO. The A/D conversion result
is shifted out on the SDO pin as a serial data stream with
the MSB first. The data stream consists of either one
leading zero (SCK held low during acquisition, Fig. 5) or
two leading zeros (SCK held high during acquisition, Fig.
6) followed by 14 bits of conversion data. There is 1 cycle
of conversion latency. Subsequent falling SCK edges after
the LSB is output will output zeros on the SDO pin. The
SDO output returns to the high impedance state after the
16th falling edge of SCK.


Similar Part No. - LT6236

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6236 LINER-LT6236 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LT6236 LINER-LT6236 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6236 LINER-LT6236 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LT6236 LINER-LT6236 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LT6236 LINER-LT6236 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT6236

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
   14-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com