Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2152-14 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2152-14
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2152-14 Datasheet(HTML) 4 Page - Linear Technology

  LTC2152-14 Datasheet HTML 1Page - Linear Technology LTC2152-14 Datasheet HTML 2Page - Linear Technology LTC2152-14 Datasheet HTML 3Page - Linear Technology LTC2152-14 Datasheet HTML 4Page - Linear Technology LTC2152-14 Datasheet HTML 5Page - Linear Technology LTC2152-14 Datasheet HTML 6Page - Linear Technology LTC2152-14 Datasheet HTML 7Page - Linear Technology LTC2152-14 Datasheet HTML 8Page - Linear Technology LTC2152-14 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6431-15
4
643115f
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency = 300MHz
S21
Power Gain
De-Embedded to Package
15.5
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
46.5
45.5
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–89.0
–87.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–60.0
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–86.0
dBc
P1dB
Output 1dB Compression Point
20.6
dBm
NF
Noise Figure
De-Embedded to Package
3.41
dB
Frequency = 380MHz
S21
Power Gain
De-Embedded to Package
15.4
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
46.0
45.0
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–88.0
–86.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–57.0
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–87.0
dBc
P1dB
Output 1dB Compression Point
20.6
dBm
NF
Noise Figure
De-Embedded to Package
3.48
dB
Frequency = 500MHz
S21
Power Gain
De-Embedded to Package
15.3
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
44.5
43.5
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–85.0
–83.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–55.6
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–77.0
dBc
P1dB
Output 1dB Compression Point
20.6
dBm
NF
Noise Figure
De-Embedded to Package
3.60
dB
Frequency = 600MHz
S21
Power Gain
De-Embedded to Package
15.3
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
41.5
40.5
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–79.0
–77.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–53.6
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–69.0
dBc
P1dB
Output 1dB Compression Point
20.6
dBm
NF
Noise Figure
De-Embedded to Package
3.67
dB
ac elecTrical characTerisTics T
A = 25°C (Note 3), VCC = 5V, ZSOURCE = ZLOAD = 50Ω, unless otherwise
noted. Measurements are performed using Test Circuit A, measuring from 50Ω SMA to 50Ω SMA without de-embedding (Note 4).


Similar Part No. - LTC2152-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2152-14 LINER-LTC2152-14 Datasheet
4Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LTC2152-14 LINER-LTC2152-14 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
More results

Similar Description - LTC2152-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6431-20 LINER-LTC6431-20 Datasheet
225Kb / 8P
   50廓 20dB Gain Block IF Amplifier
LTC6431-20 LINER-LTC6431-20_15 Datasheet
424Kb / 16P
   20dB Gain Block, 50 IF Amplifier
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com