Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2158-14 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2158-14
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2158-14 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2158-14 Datasheet HTML 3Page - Linear Technology LTC2158-14 Datasheet HTML 4Page - Linear Technology LTC2158-14 Datasheet HTML 5Page - Linear Technology LTC2158-14 Datasheet HTML 6Page - Linear Technology LTC2158-14 Datasheet HTML 7Page - Linear Technology LTC2158-14 Datasheet HTML 8Page - Linear Technology LTC2158-14 Datasheet HTML 9Page - Linear Technology LTC2158-14 Datasheet HTML 10Page - Linear Technology LTC2158-14 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6431-15
7
643115f
Typical perForMance characTerisTics
OIP3 vs Frequency Over
VCC Voltage
OIP3 vs Tone Spacing
Over Frequency
OIP3 vs Frequency Over
Case Temperature
OIP3 vs Frequency
OIP3 vs Power Out Over Frequency
FREQUENCY (MHz)
0
44
46
48
42
40
400
800
200
600
1000
38
36
50
643115 G08
VCC = 5V, T = 25°C
POUT = 2dBm/TONE
fSPACE = 1MHz
ZIN = ZOUT = 50
VCC = 5V
POUT = 2dBm/TONE
fSPACE = 1MHz
ZIN = ZOUT = 50
RF POWER OUT (dBm/TONE)
–10
38
48
50
52
–6
–2
2
34
44
36
46
32
30
42
40
–8
–4
6
10
0
4
8
643115 G09
50MHz
100MHz
200MHz
240MHz
300MHz
400MHz
500MHz
600MHz
700MHz
800MHz
900MHz
1000MHz
FREQUENCY (MHz)
0
44
46
48
700
42
40
200
400
100
900
300
500
800
600
1000
36
34
38
50
643115 G10
T = 25°C
POUT = 2dBm/TONE
fSPACE = 1MHz
ZIN = ZOUT = 50
4.5V
4.75V
5V
5.25V
5.5V
VCC = 5V, T = 25°C
POUT = 2dBm/TONE
ZIN = ZOUT = 50
TONE SPACING (MHz)
0
44
46
48
14
42
40
4
8
2
18
6
10
16
12
20
38
36
50
643115 G11
50MHz
100MHz
200MHz
240MHz
300MHz
400MHz
500MHz
600MHz
700MHz
800MHz
900MHz
1000MHz
FREQUENCY (MHz)
0
40
45
700
35
30
200
400
100
900
300
500
800
600
1000
25
20
50
643115 G12
85°C
60°C
25°C
0°C
–20°C
–30°C
–40°C
VCC = 5V
POUT = 2dBm/TONE
fSPACE = 1MHz
ZIN = ZOUT = 50
A-Grade
TA = 25°C, VCC = 5V, ZSOURCE = ZLOAD = 50Ω, unless otherwise noted. Measurements are performed using Test Circuit A, measuring
from 50Ω SMA to 50Ω SMA without de-embedding (Note 4).


Similar Part No. - LTC2158-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2158-14 LINER-LTC2158-14 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LTC2158-14 LINER-LTC2158-14 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC2158-14 LINER-LTC2158-14 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
logo
Analog Devices
LTC2158-14 AD-LTC2158-14 Datasheet
2Mb / 26P
   1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
LTC2158-14 AD-LTC2158-14 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
More results

Similar Description - LTC2158-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6431-20 LINER-LTC6431-20 Datasheet
225Kb / 8P
   50廓 20dB Gain Block IF Amplifier
LTC6431-20 LINER-LTC6431-20_15 Datasheet
424Kb / 16P
   20dB Gain Block, 50 IF Amplifier
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com