Electronic Components Datasheet Search |
|
008399010010302 Datasheet(PDF) 1 Page - AVX Corporation |
|
008399010010302 Datasheet(HTML) 1 Page - AVX Corporation |
1 / 2 page 24 ELCO ELCO Dual In-Line Transition Connector Series 8399 Series 8399 dual in-line transition connector is available in industry standard sizes of 10-64 positions. It will accom- modate Series 2026 0.050" (1.27mm) ribbon cable, and is available with or without strain relief and has an optional cable stop facility. It forms a simple and cost effective method of terminating IDC ribbon cable to a PCB. No. of Positions AB P C 010 18.45 (0.726) 10.16 (.400) 4 20.27 (0.798) 014 23.53 (0.926) 15.24 (.600) 6 25.65 (1.01) 016 26.07 (1.03) 17.78 (.700) 7 28.19 (1.11) 020 31.15 (1.23) 22.86 (.900) 9 33.27 (1.31) 026 38.77 (1.53) 30.48 (1.20) 12 40.89 (1.61) 034 48.93 (1.93) 40.64 (1.60) 16 51.05 (2.01) 040 56.55 (2.23) 48.26 (1.90) 19 58.67 (2.31) 050 69.25 (2.73) 60.96 (2.40) 24 71.37 (2.81) 060 81.95 (3.23) 73.66 (2.90) 39 84.07 (3.31) 064 87.03 (3.42) 78.74 (3.10) 31 89.15 (3.51) ELCO ELCO DIMENSIONS: millimeters (inches) TECHNICAL SPECIFICATION Material: Molding - UL94VO rated glass filled grey polyester Contact - Copper alloy Contact Plating: Tin lead Current Rating: 1 ampere Voltage Rating: 350V DC or AC peak Insulation Resistance: >1000 megohms Dielectric Withstanding Voltage: 1050 DC or AC peack Operating Temperature: -55ºC to +105ºC Wire Gauge: 26 AWG Solid & Stranded 28 AWG Solid & Stranded UL File No. E90723 CSA File No. 1255749 PCB FOOTPRINT WITHOUT STRAIN RELIEF WITHOUT STRAIN RELIEF PCB FOOTPRINT WITH STRAIN RELIEF WITH STRAIN RELIEF |
Similar Part No. - 008399010010302 |
|
Similar Description - 008399010010302 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |