Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9758 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9758
Description  BNC Male to BNC Male Right Angle Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9758 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9758 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9758 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male to BNC Male Right Angle Adapter
Configuration
Connector 1
BNC Male
Impedance 1
50 Ohms
Connector 2
BNC Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Right Angle
Mechanical Specifications
Size
Length, in [mm]
1.03 [26.16]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
1.03 [26.16]
.
Connector 1
Type
BNC Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-male-bnc-male-right-angle-adapter-pe9758-p.aspx
BNC Male to BNC Male Right Angle Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
BNC Male to BNC Male Right Angle Adapter
PE9758
PE9758 REV


Similar Part No. - PE9758

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9750 PASTERNACK-PE9750 Datasheet
242Kb / 2P
   10-32 Female to BNC Male Adapter
PE9751 PASTERNACK-PE9751 Datasheet
254Kb / 2P
   10-32 Male to BNC Male Adapter
PE9752 PASTERNACK-PE9752 Datasheet
240Kb / 2P
   10-32 Female to BNC Female Adapter
PE9753 PASTERNACK-PE9753 Datasheet
239Kb / 2P
   10-32 Male to BNC Female Adapter
PE9754 PASTERNACK-PE9754 Datasheet
255Kb / 2P
   Bulkhead 10-32 Female to BNC Female Adapter
More results

Similar Description - PE9758

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
   BNC Male to BNC Female Right Angle Adapter
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
   BNC Male to BNC Female Right Angle Adapter
PE9000 PASTERNACK-PE9000 Datasheet
246Kb / 3P
   BNC Male to BNC Male Adapter
logo
Pomona Electronics
1383 POMONA-1383 Datasheet
29Kb / 1P
   BNC Male to Right Angle BNC Male
logo
Pasternack Enterprises,...
PE9565 PASTERNACK-PE9565 Datasheet
258Kb / 3P
   N Male to BNC Male Right Angle Adapter
logo
Pomona Electronics
6701 POMONA-6701 Datasheet
25Kb / 1P
   BNC Male to Dual BNC Female Right-Angle Adapter
logo
Pasternack Enterprises,...
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
   75 Ohm BNC Male to BNC Female Right Angle Adapter
logo
Pomona Electronics
3533 POMONA-3533 Datasheet
25Kb / 1P
   Adapter BNC Male To Male
logo
3M Electronics
3533 3M-3533 Datasheet
27Kb / 2P
   Adapter BNC Male To Male
logo
Pomona Electronics
3534 POMONA-3534 Datasheet
24Kb / 1P
   Adapter BNC (Female-Male) Right Angle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com