|
| MMBTA92LT1 |
|
||
|
MOTOROLA |
|
3 page
MMBTA92LT1 MMBTA93LT1 3 Motorola Small–Signal Transistors, FETs and Diodes Device Data Figure 1. DC Current Gain IC, COLLECTOR CURRENT (mA) 150 –1.0 15 TJ = +125°C +25 °C –55 °C VCE = –10 Vdc 20 30 50 70 100 –2.0 –3.0 –5.0 –7.0 –10 –20 –30 –50 –80 –100 Figure 2. Capacitances VR, REVERSE VOLTAGE (VOLTS) –0.1 100 50 20 1.0 Ccb 10 2.0 5.0 Cib Figure 3. Current–Gain — Bandwidth Product IC, COLLECTOR CURRENT (mA) –50 –20 –10 –5.0 –2.0 100 60 40 30 20 0 TJ = 25°C VCE = –20 Vdc –1.0 IC, COLLECTOR CURRENT (mA) Figure 4. “On” Voltages –1.0 0 VCE(sat) @ IC/IB = 10 mA VBE @ VCE = –10 V –0.8 –0.6 –0.4 –0.2 –0.2 –0.5 –1.0 –2.0 –5.0 –10 –20 –50 –100 –200 –500 –1000 80 –100 –50 –20 –10 –5.0 –2.0 –1.0 –100 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KSH340 | High Voltage Power Transistors D-PAK for Surface Mount Applications | 1 2 3 4 5 | Fairchild Semiconductor |
| PBF259 | High Voltage Transistors | 1 2 3 4 | Motorola, Inc |
| MPS-A42 | NPN SILICON GENERAL PURPOSE HIGH VOLTAGE TRANSISTORS | 1 2 | Micro Electronics |
| BSS80 | PNP Silicon Switching Transistors High DC current gain Low collector-emitter saturation voltage | 1 2 3 4 5 More | Siemens Semiconductor Group |
| 2N6497 | High Voltage NPN Silicon Power Transistors | 1 2 3 4 5 More | ON Semiconductor |
| KSH350 | High Voltage Power Transistors D-PAK for Surface Mount Applications | 1 2 3 4 5 | Fairchild Semiconductor |
| MPSA92 | High Voltage Transistors | 1 2 3 4 | Motorola, Inc |
| PBF493 | High Voltage Transistors | 1 2 3 4 | Motorola, Inc |
| 2N3902 | HIGH VOLTAGE NPN SILICON TRANSISTORS | 1 2 3 4 | Boca Semiconductor Corporation |
| NTE188 | Silicon Complementary Transistors High Voltage Amplifier & Driver | 1 2 | NTE Electronics |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |