Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC-5120 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-5120
Description  Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-5120 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-5120_12 Datasheet HTML 1Page - Advantech Co., Ltd. IPC-5120_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
Front View
IPC-5120/7120
Desktop/Wallmount Chassis for
MicroATX/ATX Motherboard with
Front I/O Interfaces
ƒ All I/O interfaces are in the front
ƒ Shock-resistant drive bay to hold one 5.25" and two 3.5" disk drives
ƒ Supports up to four half-size add-on cards in the front
ƒ LED indicators for power status and HDD activity
ƒ Equipped with 1U, 300 W ATX/PFC power supply
ƒ Easy-to-replace air filter
Specifications
Drive Bay
Front-accessible
Internal
5.25"
1
-
3.5"
1
1
Cooling
Fans
1 (12 cm / 85 CFM) + 1 (4 cm / 10 CFM)
Air Filter
Yes
Miscellaneous
LED Indicators
Power status and HDD activity
Control
Power switch and system reset button
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
IPC-5120: 320 x 164 x 316.5 mm (12.6" x 6.5" x 12.5")
IPC-7120: 380 x 164 x 316.5 mm (15" x 6.5" x 12.5")
Weight
IPC-5120: 8.0 kg (17.6 lb)
IPC-7120: 9.0 kg (19.8 lb)
IPC-7120
Inside View
Reset button
Power button
HDD LED
5.25" CD-ROM
& 3.5" FDD
Power LED
1U 300 W ATX
Power supply
MicroATX
motherboard
(optional)
Up to four half-size
add-on cards
10 CFM
Cooling fan
Easy-to-maintain fan filter
Shock-resistant drive bay
for holding an internal
3.5" HDD
Plug ring-lock securely
fastens the power cord
User-friendly mechanical
design for installing an add-on
card
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


Similar Part No. - IPC-5120_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-5120 ADVANTECH-IPC-5120_15 Datasheet
1,004Kb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
More results

Similar Description - IPC-5120_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-7120 ADVANTECH-IPC-7120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5120 ADVANTECH-IPC-5120_15 Datasheet
1,004Kb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
IPC-5120 ADVANTECH-IPC-5120_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
1-Jun-2020
IPC-5120 ADVANTECH-IPC-5120 Datasheet
1Mb / 2P
   Compact Desktop/Wallmount Chassis with Front I/O Interfaces & Expansion Slots for MicroATX Motherboard
IPC-7130L ADVANTECH-IPC-7130L_15 Datasheet
940Kb / 2P
   Desktop/Wallmount Chassis for ATX/MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
1-Jun-2020
IPC-5122 ADVANTECH-IPC-5122_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7130 ADVANTECH-IPC-7130_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7220 ADVANTECH-IPC-7220 Datasheet
833Kb / 2P
   Desktop/Wallmount Chassis for ATX Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com