Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC-5122 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-5122
Description  Desktop/Wallmount Chassis for MicroATX Motherboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-5122 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-5122_12 Datasheet HTML 1Page - Advantech Co., Ltd. IPC-5122_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
IPC-5122
Power LED
USB
Slim optical
drive bay
Power switch
Alarm reset
System reset
Inside view
Rear view
Gently press the hook to pull the air filter out
Easy-open door
Fan LED
HDD LED
Temp. LED
One 3.5"
drive bay
Desktop/Wallmount Chassis for
MicroATX Motherboard
ƒ Streamlined in-chassis airflow design
ƒ Supports up to four expansion slots
ƒ Shock-proof and anti-vibration drive bay design for industrial applications
ƒ Optional 80 plus bronze 300 W or 400 W power supply
ƒ Smart monitor system and LED indication for system faults detection
ƒ Easy-to-maintain system fan and reusable air filter
Specifications
Drive Bay
Front-accessible
Internal
Slim Optical Drive
1
-
3.5"
1
1
Cooling
Fan
1 (12 cm / 85 CFM)
Air Filter
Yes
Front I/O Interface
USB
2
Miscellaneous
LED Indicators
Power, HDD, fan and temperature
Control
Power switch, alarm reset and system reset buttons
Rear Panel
Six 9-pin D-Sub openings
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40°C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
157 x 360 x 340 mm (6.2" x 14.2" x 13.4")
Weight
6.5 kg (14.3 lb)
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


Similar Part No. - IPC-5122_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-5122 ADVANTECH-IPC-5122_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
More results

Similar Description - IPC-5122_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-5122 ADVANTECH-IPC-5122_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
1-Jun-2020
IPC-5122 ADVANTECH-IPC-5122_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7130 ADVANTECH-IPC-7130_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7130L ADVANTECH-IPC-7130L_15 Datasheet
940Kb / 2P
   Desktop/Wallmount Chassis for ATX/MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122 Datasheet
652Kb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard with PS/2 Power Supply
12-Aug-2009
IPC-7220 ADVANTECH-IPC-7220 Datasheet
833Kb / 2P
   Desktop/Wallmount Chassis for ATX Motherboard
AIMB-C600 ADVANTECH-AIMB-C600 Datasheet
358Kb / 1P
   Economical Desktop Chassis for MicroATX Motherboard
AIMB-C600 ADVANTECH-AIMB-C600_12 Datasheet
1Mb / 2P
   Cost-effective Desktop Chassis for MicroATX Motherboard
IPC-7120 ADVANTECH-IPC-7120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5120 ADVANTECH-IPC-5120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com