Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS320 Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # SS320
Description  SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SS320 Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SS320 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SS320 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
XINGHE ELECTRONICS
星合电子
2
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - SS320

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS320 DGNJDZ-SS320 Datasheet
258Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS320 TSC-SS320 Datasheet
134Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Yint Electroni...
SS320 YINT-SS320 Datasheet
460Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jing Heng Electro...
SS320 JINGHENG-SS320 Datasheet
47Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Youtai Semico...
SS320 UMW-SS320 Datasheet
636Kb / 3P
   20V-200V 3.0A
More results

Similar Description - SS320

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SR15150 CHENDA-SR15150 Datasheet
350Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Gaomi Xinghe Electronic...
SRF1040CT GXELECTRONICS-SRF1040CT Datasheet
333Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF1080CT GXELECTRONICS-SRF1080CT Datasheet
333Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF1080I GXELECTRONICS-SRF1080I Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF10100 GXELECTRONICS-SRF10100 Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF10150 GXELECTRONICS-SRF10150 Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Microdiode Electronics ...
SRF860 CHENDA-SRF860 Datasheet
330Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF1040 CHENDA-SRF1040 Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF10150 CHENDA-SRF10150 Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Gaomi Xinghe Electronic...
SR1080CT GXELECTRONICS-SR1080CT Datasheet
341Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com