Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0154008. Datasheet(PDF) 2 Page - Littelfuse

Part # 0154008.
Description  Surface Mount Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0154008. Datasheet(HTML) 2 Page - Littelfuse

  0154008. Datasheet HTML 1Page - Littelfuse 0154008. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80
Revision: May 27, 2008
Surface Mount Fuses
©2008 Littelfuse, Inc.
154 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/154.html for current information.
NANO> 154 Series OMNI-BLOK® Fuse and Holder Combination
LF
7 A
3.81
(.150")
2.13
(.084")
REF.
10.62
(.418")
4.24
(.167")
9.73
(.383") REF.
3.81
(.150")
5.03
(.198")
FUSE
Recommended Pad Layout
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Reel Pack
EIA RS-481-2 (IEC 286, part 3)
1500
DR
Reflow Condition
Sn-Pb Eutectic
Assembly
Pre Heat
-Temperature Min (T
s(min))
100°C
-Temperature Max (T
s(max))
150°C
-Time (Min to Max) (T
s)
60 – 120 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
183°C
-Time (t
L)
60 – 90 seconds
PeakTemperature (T
P)
225+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second Max
Time 25°C to peakTemperature (T
P)
6 minutes Max.
Do not exceed
230°C
Soldering Parameters
0154 001. D R T
SERIES
AMP Code
QUANTITY Code
PACKAGING Code
Refer to Ordering information
section on previous page.
D = 1500 pcs
R = Tape and Reel
Example:
1.5 amp product is
0443 01.5 D R (5 amp
product shown above).
TYPE Code
T = Time Lag (Slo-Blo®)


Similar Part No. - 0154008.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0154008. LITTELFUSE-0154008. Datasheet
165Kb / 2P
   Surface Mount Fuses
0154008. LITTELFUSE-0154008. Datasheet
165Kb / 2P
   Surface Mount Fuses
0154008. LITTELFUSE-0154008. Datasheet
199Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK Fuse and Holder Assembly
0154008.0DRTG LITTELFUSE-0154008.0DRTG Datasheet
482Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
Revised: 09/16/20
0154008.0DRTL LITTELFUSE-0154008.0DRTL Datasheet
482Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
Revised: 09/16/20
More results

Similar Description - 0154008.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
441 LITTELFUSE-441 Datasheet
38Kb / 2P
   SURFACE MOUNT FUSES
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
   Surface Mount Fuses
0154015DRT LITTELFUSE-0154015DRT Datasheet
116Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com