Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACP-4320 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ACP-4320
Description  Quiet 4U Chassis Ready with Dual SAS/SATA HDD Trays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-4320 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ACP-4320_12 Datasheet HTML 1Page - Advantech Co., Ltd. ACP-4320_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
ACP-4320
Quiet 4U Chassis Ready with
Dual SAS/SATA HDD Trays
ƒ Supports either an ATX motherboard or a PICMG backplane with up to
15 slots
ƒ Quiet Version provides low-noise solution
ƒ ACP-4320 supports dual SAS/SATA HDD trays for data monitoring
applications
ƒ LED indicators and alarm notification for system fault detection and network
connection
ƒ Lockable front door prevents unauthorized access
Specifications
Drive Bay
Front-accessible
Internal
5.25"
2
-
3.5"
2 SAS/SATA HDDs +1
-
Cooling
Fan
1 (12 cm /114 CFM) + 1 (6 cm /28 CFM)
Air Filter
Yes
Front I/O Interface
USB
2
9-pin D-Sub
-
Miscellaneous
LED Indicators
Power, HDD, temperature, fan, LAN1, and LAN2
Rear Panel
Backplane version: One 9-pin D-Sub opening
Motherboard version: Five 9-pin D-Sub and one 68-pin SCSI openings
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
482 x 177 x 479 mm (19" x 7.0" x 18.9")
Weight
16.6 kg (36.5 lb) / 17.6 kg (38.7 lb)
Two 5.25" drive bays
Easy-to-maintain system fan
Front View
Inside View
System reset
button
Alarm reset
button
Dual USB
ports
Two SAS/
SATA HDD
trays
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


Similar Part No. - ACP-4320_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4320 ADVANTECH-ACP-4320_15 Datasheet
1Mb / 2P
   Quiet 4U Rackmount Chassis with Dual Hot-Swap SAS/SATA HDD Trays
ACP-4320 ADVANTECH-ACP-4320_17 Datasheet
884Kb / 2P
   Quiet 4U Rackmount Chassis
More results

Similar Description - ACP-4320_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4320 ADVANTECH-ACP-4320_15 Datasheet
1Mb / 2P
   Quiet 4U Rackmount Chassis with Dual Hot-Swap SAS/SATA HDD Trays
ACP-4010 ADVANTECH-ACP-4010 Datasheet
817Kb / 2P
   4U Rackmount Chassis with Dual System Support or Dual SAS/SATA HDD Trays
30-April-2009
IPC-7130 ADVANTECH-IPC-7130 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis with Dual SAS/SATA HDD Trays for ATX/MicroATX Motherboard
HPC-7442 ADVANTECH-HPC-7442 Datasheet
1Mb / 2P
   4U Rackmount/Tower Chassis for EATX/ATX Motherboard with Up to 8 SAS/SATA HDD Trays
HPC-7442 ADVANTECH-HPC-7442_15 Datasheet
1Mb / 2P
   4U Rackmount/Tower Chassis for EATX/ ATX Motherboard with Up to 8 SAS/SATA HDD Trays
HPC-7242 ADVANTECH-HPC-7242 Datasheet
1Mb / 2P
   2U Rackmount Chassis for ATX Motherboard with 4 SAS/SATA HDD Trays
ACP-4360 ADVANTECH-ACP-4360_15 Datasheet
825Kb / 2P
   4U Rackmount Chassis with 6 Hot-Swap SAS / SATA Trays for RAID
ACP-4360 ADVANTECH-ACP-4360_12 Datasheet
689Kb / 2P
   4U Rackmount Chassis with 6 Hot-Swap SAS / SATA Trays for RAID
ACP-1320 ADVANTECH-ACP-1320 Datasheet
531Kb / 2P
   1U Rackmount Chassis for Full-Size SBC/Motherboard with Dual SAS/SATA HDD Trays
12-Nov-2009
SYS-4U4320-8S01 ADVANTECH-SYS-4U4320-8S01 Datasheet
1Mb / 2P
   4U Intel짰 Core??i7/i5/i3 LGA1155 ATX/SBC System with Dual SATA/SAS HDD Trays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com