Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW2027 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MKW2027
Description  DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW2027 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MKW2027 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW2027 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW2027 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW2027 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MKW2000 SERIES
DC/DC CONVERTER 12W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/03/19 REV:4
Page 1 of 4
®
FEATURES
2”x 1”x 0.4” Metal Package
Ultra-wide 4:1 Input Range
Operating Temp. Range –40°C to +85°C
Short Circuit Protection
I/O-isolation 1500 VDC
Input Filter meets EN 55022,class A and FCC, level A
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MKW2000 series is a range of isolated 12W DC/DC converter modules featuring fully regulated output voltages and ultra-wide 4:1 input
voltage ranges.The product comes in a 2”x 1”x 0.4” metal package with industry standard pinout. An excellent efficiency allows an operating temperature
range of –40° to +85°C (with derating).
Typical applications for these converters are in battery operated equipment and instrumentation, distributed power systems, data communication and
general industrial electronics.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Over
Voltage
Protection
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
VDC(typ.)
μF
%
MKW2021
3.3
2400
240
423
3.9
78
MKW2022
5
2000
200
508
6.8
82
MKW2023
12
1000
100
595
15
84
MKW2024
15
800
80
595
18
470
84
MKW2025
±5
±1000
±100
508
±6.8
82
MKW2026
±12
±500
±50
595
±15
84
MKW2027
24
(9 ~ 36)
±15
±400
±40
595
10
±18
150#
84
MKW2031
3.3
2400
240
212
3.9
78
MKW2032
5
2000
200
254
6.8
82
MKW2033
12
1000
100
298
15
84
MKW2034
15
800
80
298
18
470
84
MKW2035
±5
±1000
±100
254
±6.8
82
MKW2036
±12
±500
±50
298
±15
84
MKW2037
48
(18 ~ 75)
±15
±400
±40
298
5
±18
150#
84
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
42
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
84
24V Input Models
8
8.5
9
Start-Up Threshold Voltage
48V Input Models
14
16
18
24V Input Models
7
8
8.5
Under Voltage Shutdown
48V Input Models
13
15
17
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
---
3500
mW
Internal Power Dissipation
---
---
5000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A


Similar Part No. - MKW2027

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW2027 TOTAL-POWER-MKW2027 Datasheet
460Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
More results

Similar Description - MKW2027

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600_13 Datasheet
3Mb / 4P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW1000 MINMAX-MKW1000_12 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW3000 MINMAX-MKW3000_12 Datasheet
938Kb / 5P
   DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW2500 MINMAX-MKW2500_11 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
MKW5000 MINMAX-MKW5000_12 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
MPW1000 MINMAX-MPW1000_12 Datasheet
314Kb / 6P
   DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
logo
Delta Electronics, Inc.
PH02S DELTA-PH02S Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com