Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW25-24S033 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MJW25-24S033
Description  DC/DC CONVERTER 25W, Highest Power Density 1
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJW25-24S033 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MJW25-24S033 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJW25-24S033 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJW25-24S033 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJW25-24S033 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJW25-24S033 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJW25-24S033 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJW25-24S033 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJW25-24S033 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJW25-24S033 Datasheet HTML 9Page - Minmax Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MJW25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/25 P4
Page 4 of 10
®
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MJW25-24S033, MJW25-48S033
Derating Curve without Heatsink
MJW25-24S033, MJW25-48S033
Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MJW25-24S05,MJW25-24S12,MJW25-24S15,MJW25-48S05
MJW25-48S12,MJW25-48S15 Derating Curve without Heatsink
MJW25-24S05,MJW25-24S12,MJW25-24S15,MJW25-48S05
MJW25-48S12,MJW25-48S15 Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MJW25-12S033 Derating Curve without Heatsink
MJW25-12S033 Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MJW25-12S05, MJW25-12S12, MJW25-12S15, MJW25-12D12
MJW25-12D15, MJW25-24D12, MJW25-24D15,MJW25-48D12,MJW25-48D15
Derating Curve without Heatsink
MJW25-12S05, MJW25-12S12, MJW25-12S15, MJW25-12D12
MJW25-12D15, MJW25-24D12, MJW25-24D15,MJW25-48D12,MJW25-48D15
Derating Curve with Heatsink


Similar Part No. - MJW25-24S033

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MJW25-24S033 TOTAL-POWER-MJW25-24S033 Datasheet
539Kb / 10P
   Highest Power Density
More results

Similar Description - MJW25-24S033

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com