Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITA-1910-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ITA-1910-00A1E
Description  Intel짰 Atom??D525 DC Wide Range Compact System with Dual GigaLAN, 16 COM ports and Multi-Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ITA-1910-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ITA-1910-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. ITA-1910-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intelligent Transportation System
Features
ƒ Fanless, Intel® Atom™ D525, 1.8 GHz Dual Core Compact System
ƒ Supports 9 ~ 36 V wide range DC input
ƒ Supports up to 2 x GbE, 8 x USB 2.0, 16 x COM ports
ƒ Serial ports support RS-232/422/485 with automatic flow control
ƒ Multi-Display
ƒ Supports up to 24 Channel 24/48 bits Digital I/O
ƒ Onboard DDR3 memory up to 2GB and optional NVRAM
ƒ Front-accessible Easy Swap CF/DOM Module
ITA-1910 Intel®Atom™D525DCWideRangeCompactSystem
with Dual GigaLAN, 16 COM ports and Multi-Display
Specifications
Processor System
CPU
Intel® Atom™ Dual Core D525
Max Speed
1.8 GHz
L2 Cache
512 KB
Chipset
Intel ICH8-M
BIOS
AMI SPI 16 Mb
Memory
Technology
Single channel DDR3 800
Max. Capacity
Onboard 1 GB (max up to 2 GB)
Graphics
Chipset
Embedded Gen3.5+ GFX Core, Frequency 400 MHz
VRAM
Shared system memory up to 256 MB SDRAM
Multi display
2 x VGA or VGA + LVDS (Optional)
Single Channel Max: 2048 x 1536 @ 60Hz
Dual Channel Max: 1366 x 768 @ 60Hz
LVDS
Support 18-bit single channel up to 1366 x 768 @ 60Hz (Optional)
Extension Graphics
(Optional)
Chipset
SMI SM750 GPU
VRAM
On chip 16MB
Multi display
2 x VGA
Max Resolution
Up to 1920 x 1440 @ 60Hz
Ethernet
Interface
10/100/1000 Mbps
Controller
2 x Intel 82583V
Connector
2 x RJ-45
Storage
NVRAM
1 Mb FRAM (Optional)
Internal
1 x CompactFlash socket for Type I/II CompactFlash disk
Support 2.5" HDD (Optional)
External
1 x Easy Swap SATA DOM CompactFlash Module
I/O Interface
VGA
2
LAN
2
USB
8
Serial
16 x RS-232/422/485 Serial ports with automatic flow control
Digital I/O
12-ch GPI, 12-ch GPO (Option another 12-ch GPI, 12-ch GPO)
Audio
2 (Speaker out with 3W amplifier, Mic in)
Expansion Slots
PCI 32-bit
1
PCIe x 1
2 (w/o 6 COM I/O Card)
Mini PCIe
1
Power
Input Voltage
DC 9V ~ 36V
Watchdog Timer
Output
System reset
Interval
Programmable 1~255 sec/min
Environment
Operating (Without HDD)
Operating (With HDD)
Non-Operating
Temperature
-25 ~ 60° C
0 ~ 40° C
-40 ~ 85° C
Physical Characteristics
Dimensions (W x H x D)
315 x 100 x 190 mm
RoHS
COMPLIANT
2002/95/EC
VxWorks
®
NEW
All product specifications are subject to change without notice
Last updated : 2-Nov-2012


Similar Part No. - ITA-1910-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ITA-1910-00A1E ADVANTECH-ITA-1910-00A1E Datasheet
540Kb / 2P
   Intel짰 Atom??D525 AFC System with Dual GigaLAN, 16 COM ports and Expansion Slots
ITA-1910-00A1E ADVANTECH-ITA-1910-00A1E Datasheet
531Kb / 2P
   Intel Atom D525 AFC with Dual GigaLAN and 16 COM/Expansion Slots
More results

Similar Description - ITA-1910-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ITA-1710 ADVANTECH-ITA-1710 Datasheet
2Mb / 2P
   Intel짰 Atom??D525 DC Wide Range Compact System with Dual GigaLAN, 10 COM ports and Dual Display
ITA-1610 ADVANTECH-ITA-1610 Datasheet
2Mb / 2P
   Intel짰 Atom??D525 DC Wide Temperature Compact System with Dual GigaLAN, 2 COM ports and Dual Display
ITA-1610-00A1E ADVANTECH-ITA-1610-00A1E Datasheet
610Kb / 2P
   Intel짰 Atom??D525 Compact System with Dual GigaLAN and Dual Display
ITA-1910-00A1E ADVANTECH-ITA-1910-00A1E Datasheet
540Kb / 2P
   Intel짰 Atom??D525 AFC System with Dual GigaLAN, 16 COM ports and Expansion Slots
ITA-1710-00A1E ADVANTECH-ITA-1710-00A1E Datasheet
731Kb / 2P
   Intel짰 Atom??D525 AFC System with Dual GigaLAN, up to 14 COM ports and Dual Display
ITA-1910 ADVANTECH-ITA-1910_16 Datasheet
531Kb / 2P
   Intel Atom D525 AFC with Dual GigaLAN and 16 COM/Expansion Slots
ITA-1711-00A1E ADVANTECH-ITA-1711-00A1E Datasheet
844Kb / 2P
   Intel짰 Celeron?줛1900 Compact System Multiple COM Ports and Dual Display
ITA-5710 ADVANTECH-ITA-5710_15 Datasheet
848Kb / 2P
   Intel짰 Atom D525 Fanless Compact System with 3 x M12 GigaLAN, 2 x M12 USB and Dual Display Fully compliant with EN 50155
SOM-6763DZ2-S8B1E ADVANTECH-SOM-6763DZ2-S8B1E Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763-B1 ADVANTECH-SOM-6763-B1_15 Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com