Electronic Components Datasheet Search |
|
MAU412 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd. |
|
MAU412 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd. |
1 / 4 page MAU400 SERIES DC/DC CONVERTER 1W, Reinforced Insulation, Medical Safety E-mail:sales@minmax.com.tw Tel:886-6-2923150 2013/01/24 REV:10 Page 1 of 4 FEATURES ►Small SIP Package ►Reinforced Insulation rated for 300VAC Working Voltage ►I/O–isolation 3000VACrms ►Industrial & Medical Safety Approval ►Operating Temp. Range -25°C to +85°C ►Low Coupling Capacity ►3 Years Product Warranty PRODUCT OVERVIEW The MINMAX MAU400 series is a range of 1W DC/DC converter modules providing a high I/O-isolation voltage of 3000VAC in a small SIP-package. There are 12 models available for 5VDC or 12VDC input voltage and single- or dual-output voltage. This product offers an economical solution for many applications in industrial controls and Instrumentation, consumer electronics and everywhere where a certified supplementary or reinforced insulation system is required to comply with relative safety standards. Model Selection Guide Output Current Input Current Efficiency (typ.) Input Voltage (Range) Output Voltage Max. Min. @Max. Load @No Load Load Regulation Max. capacitive Load @Max. Load Model Number VDC VDC mA mA mA(typ.) mA(typ.) % (max.) µF % MAU401 5 200 4 303 10 66 MAU402 12 80 2 291 8 66 MAU403 15 65 1 295 8 680 66 MAU404 ±5 ±100 ±2 303 10 66 MAU405 ±12 ±40 ±1 267 8 72 MAU406 5 (4.5 ~ 5.5) ±15 ±35 ±1 287 55 8 220# 73 MAU411 5 200 4 126 10 66 MAU412 12 80 2 121 8 66 MAU413 15 65 1 123 8 680 66 MAU414 ±5 ±100 ±2 126 10 66 MAU415 ±12 ±40 ±1 108 8 74 MAU416 12 (10.8 ~ 13.2) ±15 ±35 ±1 117 30 8 220# 75 # For each output Input Specifications Parameter Model Min. Typ. Max. Unit 5V Input Models 4.5 5 5.5 Input Voltage Range 12V Input Models 10.8 12 13.2 5V Input Models -0.7 --- 9 Input Surge Voltage (1 sec. max.) 12V Input Models -0.7 --- 29 VDC Reverse Polarity Input Current --- --- 0.3 A Internal Filter Type LC Filter Internal Power Dissipation All Models --- --- 650 mW Output Specifications Parameter Conditions Min. Typ. Max. Unit Output VoltageAccuracy --- ±1.0 ±3.0 % Output Voltage Balance Dual Output, Balanced Loads --- ±0.1 ±1.0 % Line Regulation For Vin Change of 1% --- ±1.2 ±1.5 % Load Regulation Io=20% to 100% See Model Selection Guide Ripple & Noise max. 20MHz Bandwidth --- 100 150 mV P-P Temperature Coefficient --- ±0.01 ±0.02 %/℃ Short Circuit Protection 0.5 Second Max. |
Similar Part No. - MAU412 |
|
Similar Description - MAU412 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |