Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW2631 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MKW2631
Description  DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW2631 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MKW2631 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW2631 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW2631 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW2631 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MKW2600 SERIES
DC/DC CONVERTER 15W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/02/18 REV:4 Page 3 of 4
®
Notes
1 Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2 Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3 Ripple & Noise measurement bandwidth is 0-20MHz.
4 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules;
however they may not meet all specifications listed.
5 All DC/DC converters should be externally fused at the front end for protection.
6 Other input and output voltage may be available, please contact factory.
7 To order the converter with Remote On/Off function, add suffix RC (e.g. MKW2621-RC) to order code.
8 To order the converter with input filter meeting EN55022 ClassA, add suffixA (e.g. MKW2621A) to order code.
9 To order the converter with heatsink, please add suffix H (e.g. MKW2621H) to order code.
10 That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
11 Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
6
Remote On/Off (Optional)
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 1.0 ±0.05 (0.04±0.002)
Physical Characteristics
Case Size
: 50.8x25.4x10.2mm (2.0x1.0x0.40 inches)
Case Material
: Metal With Non-Conductive Baseplate
Base Material
: FR4 PCB (flammability to UL94V-0 rated)
Pin Material
: CopperAlloy with Gold Plate Over Nickel Subplate
Weight
: 32g
Heatsink (Option –H)
Physical Characteristics
Heatsink Material : Aluminum
Finish
: BlackAnodized Coating
Weight
: 9g
The advantages of adding a heatsink are:
1. To help heat dissipation and increase the stability
and reliability of DC/DC converters at high
operating temperature atmosphere.
2. To upgrade the operating temperature of DC/DC
converters, please refer to Derating Curve.
Bottom View
10.16
5.08
6.0
10.2
[0.24]
[0.40]
[0.40]
10.16
[0.40]
7.62
[0.30]
[0.20]
7.62
[0.30]
25.4 [1.00]
2.54
[0.10]
3
4
5
1
2
6
1.1 [0.04]
31.0[1.22]Max
17.2[0.68]Max
Converter
Clamp
Thermal pad
Heat-sink


Similar Part No. - MKW2631

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW2631 TOTAL-POWER-MKW2631 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW2631 MINMAX-MKW2631 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MKW2631 TOTAL-POWER-MKW2631 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
More results

Similar Description - MKW2631

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2000 MINMAX-MKW2000 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW2500 MINMAX-MKW2500_11 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
MKW1000 MINMAX-MKW1000_12 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW3000 MINMAX-MKW3000_12 Datasheet
938Kb / 5P
   DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW5000 MINMAX-MKW5000_12 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
MPW1000 MINMAX-MPW1000_12 Datasheet
314Kb / 6P
   DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
logo
MicroPower Direct, LLC
I1500RW MPD-I1500RW Datasheet
213Kb / 2P
   Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
logo
Delta Electronics, Inc.
PH02S DELTA-PH02S Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com