Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9857-SF-15 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9857-SF-15
Description  Standard Gain Horns SMA & 2.92mm Female Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9857-SF-15 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9857-SF-15 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9857-SF-15 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
Fax: +1 (949) 261-7451
Email: sales@pasternack.com
Standard Gain Horns
SMA & 2.92mm
Female Connectors
(1) Pasternack reserves the right to change specifications or information without notice.
(2) All Specifications “typical”
www.pasternack.com
Product Features
Standard WaveguideSizes
1.70-40 GHZ
Gain 10, 15, & 20 dB
15 Octave bands
Specifications (1)
Parameter
Value
Units
Description
Impedance
50
Ohms
Minimum Frequency
1.70
GHz
Maximum Frequency
40
GHz
Polarization
Linear
VSWR
1.25
Body
Aluminum
Flanges
STD UG Flanges
Connector
SMA Female
2.92mm Female
Stainless Steel, 1.7 to 18 GHz
Stainless Steel, 18 GHz to 40 GHz


Similar Part No. - PE9857-SF-15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9857-SF-15 PASTERNACK-PE9857-SF-15 Datasheet
466Kb / 3P
   Waveguide Standard Gain Horn
More results

Similar Description - PE9857-SF-15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9854-NF-10 PASTERNACK-PE9854-NF-10 Datasheet
538Kb / 2P
   Standard Gain Horns N Female Connectors
PE9850-2F-10 PASTERNACK-PE9850-2F-10_17 Datasheet
478Kb / 3P
   Gain Horns
PE9850-2F-20 PASTERNACK-PE9850-2F-20_17 Datasheet
469Kb / 3P
   Gain Horns
PEWAN1065 PASTERNACK-PEWAN1065 Datasheet
565Kb / 4P
   Gain Horns
PEWAN1072 PASTERNACK-PEWAN1072 Datasheet
583Kb / 4P
   Gain Horns
PEWAN1076 PASTERNACK-PEWAN1076 Datasheet
572Kb / 4P
   Gain Horns
PEWAN1077 PASTERNACK-PEWAN1077 Datasheet
575Kb / 4P
   Gain Horns
PEWAN1066 PASTERNACK-PEWAN1066 Datasheet
564Kb / 4P
   Gain Horns
PE9851-2F-10 PASTERNACK-PE9851-2F-10_17 Datasheet
482Kb / 3P
   Gain Horns
PE9851-10 PASTERNACK-PE9851-10_18 Datasheet
573Kb / 3P
   Gain Horns
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com