Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9862-SF-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9862-SF-10
Description  Standard Gain Horns SMA & 2.92mm Female Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9862-SF-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9862-SF-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9862-SF-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(1) Pasternack reserves the right to change specifications or information without notice.
(2) All Specifications “typical”
www.pasternack.com
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
Fax: +1 (949) 261-7451
Email: sales@pasternack.com
Standard Gain Horns
SMA & 2.92mm
Female Connectors
Specifications (1) & Ordering Information
SMA/2.92mm
CONNECTOR
MODEL NO.
Description
WAVEGUIDE
SIZE
FREQUENCY
RANGE
(DC TO GHz)
GAIN
3 dB Width
Dimensions
E-Plane H-Plane
A
B
C
PE9850/2F-10
PE9850/2F-15
PE9850/2F-20
WR28 Standard Gain Horn with 2.92mm
Female Connector 10, 15 & 20 dB Gain
WR28
26.50-40.00
10 dB
15 dB
20 dB
54.2°
32.1°
16.7°
54.4°
31.3°
18.3°
1.56
2.44
3.69
0.50
0.84
1.45
0.40
0.62
1.10
PE9851/2F-10
PE9851/2F-15
PE9851/2F-20
WR34 Standard Gain Horn with 2.92mm
Female Connector 10, 15 & 20 dB Gain
WR34
22.00-33.00
10 dB
15 dB
20 dB
54.1°
23.1°
17.0°
53.2°
40.8°
17.4°
1.68
2.67
4.13
0.65
1.07
1.86
0.50
0.82
1.40
PE9852/2F-10
PE9852/2F-15
PE9852/2F-20
WR42 Standard Gain Horn with 2.92mm
Female Connector 10, 15 & 20 dB Gain
WR42
18.00-26.50
10 dB
15 dB
20 dB
58.0°
31.3°
17.5°
57.0°
31.5°
17.8°
1.94
3.06
4.72
0.69
1.22
2.26
0.52
0.92
1.77
PE9853/SF-10
PE9853/SF-15
PE9853/SF-20
WR51 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR51
15.00-22.00
10 dB
15 dB
20 dB
55.1°
32.0°
16.9°
54.2°
31.8°
18.0°
2.07
8.30
5.65
0.89
1.60
2.60
0.70
1.16
2.04
PE9854/SF-10
PE9854/SF-15
PE9854/SF-20
WR62 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR62
12.40-18.00
10 dB
15 dB
20 dB
55.3°
30.1°
18.8°
50.9°
31.2°
18.9°
2.00
3.48
6.80
1.15
1.88
3.00
0.82
1.47
2.24
PE9855/SF-10
PE9855/SF-15
PE9855/SF-20
WR75 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR75
10.00-15.00
10 dB
15 dB
20 dB
50.2°
35.4°
16.3°
49.2°
28.5°
17.2°
2.88
5.70
8.85
1.39
2.36
4.00
1.04
1.45
3.10
PE9856/SF-10
PE9856/SF-15
PE9856/SF-20
WR90 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR90
8.20-12.40
10 dB
15 dB
20 dB
48.5°
29.3°
16.1°
47.4°
29.0°
16.5°
2.82
6.45
11.06
1.70
2.80
5.00
1.27
2.05
3.70
PE9857/SF-10
PE9857/SF-15
PE9857/SF-20
WR102 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR102
7.00-11.00
10 dB
15 dB
20 dB
55.5°
29.6°
17.0°
54.1°
29.3°
16.7°
4.13
7.28
12.28
1.69
2.40
5.68
1.27
3.15
4.04
PE9858/SF-10
PE9858/SF-15
PE9858/SF-20
WR112 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR112
7.05-10.00
10 dB
15 dB
20 dB
56.8°
32.4°
19.3°
55.2°
32.0°
19.3°
4.02
7.79
12.27
1.75
3.05
5.10
1.30
2.25
3.77
PE9859/SF-10
PE9859/SF-15
PE9859/SF-20
WR137 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR137
5.85-8.20
10 dB
15 dB
20 dB
55.1°
33.7°
18.7°
54.2°
33.2°
18.8°
4.41
7.80
13.45
2.15
3.53
6.45
1.60
2.60
4.65
PE9860/SF-10
PE9860/SF-15
PE9860/SF-20
WR159 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR159
4.90-7.05
10 dB
15 dB
20 dB
59.8°
31.3°
14.3°
48.3°
30.8°
16.9°
6.04
9.66
13.38
2.80
4.43
10.00
1.70
3.27
7.80
PE9861/SF-10
PE9861/SF-15
PE9861/SF-20
WR187 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR187
3.95-5.85
10 dB
15 dB
20 dB
55.0°
33.8°
18.9°
54.1°
33.3°
19.2°
17.51
11.28
16.88
3.29
4.98
9.08
2.19
3.67
6.70
PE9862/SF-10
PE9862/SF-15
PE9862/SF-20
WR229 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR229
3.30-4.90
10 dB
15 dB
20 dB
58.6°
32.7°
17.1°
51.9°
32.4°
16.7°
17.98
7.05
25.63
3.71
6.63
12.40
2.73
6.00
8.75
PE9863/SF-10
PE9863/SF-15
PE9863/SF-20
WR284 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR284
2.60-3.95
10 dB
15 dB
20 dB
50.8°
31.0°
17.2°
54.1°
30.6°
16.5°
9.90
23.15
32.15
4.40
9.00
15.70
3.58
5.60
10.80
PE9864/SF-10
PE9864/SF-15
PE9864/SF-20
WR430 Standard Gain Horn with SMA
Female Connector 10, 15 & 20 dB Gain
WR430
1.70-2.60
10 dB
15 dB
20 dB
64.8°
33.1°
17.3°
45.4°
32.0°
17.4°
14.00
26.6
44.00
8.15
11.85
22.25
4.14
8.50
16.20


Similar Part No. - PE9862-SF-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9862-SF-15 PASTERNACK-PE9862-SF-15 Datasheet
483Kb / 3P
   WR-229 Waveguide Standard Gain Horn
More results

Similar Description - PE9862-SF-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9854-NF-10 PASTERNACK-PE9854-NF-10 Datasheet
538Kb / 2P
   Standard Gain Horns N Female Connectors
PE9850-2F-10 PASTERNACK-PE9850-2F-10_17 Datasheet
478Kb / 3P
   Gain Horns
PE9850-2F-20 PASTERNACK-PE9850-2F-20_17 Datasheet
469Kb / 3P
   Gain Horns
PEWAN1065 PASTERNACK-PEWAN1065 Datasheet
565Kb / 4P
   Gain Horns
PEWAN1072 PASTERNACK-PEWAN1072 Datasheet
583Kb / 4P
   Gain Horns
PEWAN1076 PASTERNACK-PEWAN1076 Datasheet
572Kb / 4P
   Gain Horns
PEWAN1077 PASTERNACK-PEWAN1077 Datasheet
575Kb / 4P
   Gain Horns
PEWAN1066 PASTERNACK-PEWAN1066 Datasheet
564Kb / 4P
   Gain Horns
PE9851-2F-10 PASTERNACK-PE9851-2F-10_17 Datasheet
482Kb / 3P
   Gain Horns
PE9851-10 PASTERNACK-PE9851-10_18 Datasheet
573Kb / 3P
   Gain Horns
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com