Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF-30T512 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # AQF-30T512
Description  AC/DC Power Module 30W Fully encapsulated Plastic Case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AQF-30T512 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  AQF-30T512 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AQF-30T512 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AQF-30T512 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AQF-30T512 Datasheet HTML 4Page - Minmax Technology Co., Ltd. AQF-30T512 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AQF-30 SERIES
AC/DC POWER MODULE 30W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/11/14 REV:19
Page 3 of 5
Environmental Specifications
Parameter
Conditions
Temperature Range (operational)
Ambient
-25
+70
Power Derating
+50
℃ to +70℃
1.125W /
Storage Temperature Range
-40
+85
Over Temperature Protection
at 90
℃ (automatic recovery at 67℃)
Cooling
Free-Air convection
Humidity (non condensing)
---
95 % rel. H
Notes
1
All specifications typical at Ta=+25
℃, resistive load, 115VAC, 60Hz input voltage and after warm-up time rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0~20 MHz
3
These power modules require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage the power
supplies however they may not meet all listed specifications.
4
Other input and output voltage may be available, please contact factory.
5
Peak current can't be drawn from all output at the same time.
6
Floating (or isolated) output of a power supply that is not connected to any other output.
7
To order the module with chassis mount package, please add a suffix C (e.g. AQF-30S05C).
8
To order the module with UL508 safety, please add a suffix ICE (e.g. AQF-30S05ICE).
9
Part number for DIN-Rail mounting bracket: AC-DIN-02
10
Specifications are subject to change without notice
Package Specifications PCB Mounting
Mechanical Dimensions
Pin Connections
Pin
Single
Dual
(D12,D15)
Dual
(D512)
Triple
Triple
(T5312P,T3512P)
1
AC(N) – AC Neutral
2
AC(L) – AC Line
3
+Vout
+Vout
+Vout2
+Vout2
+Vout2
4
No Pin
+Vout1
+Vout1
+Vout1
5
-Vout
Common
-Vout2
Com.
2/3
Com. 2/3
6
No Pin
-Vout1
-Vout1
-Vout1
7
NC
-Vout
NC
-Vout3
+Vout3
NC: No Connection
All dimensions in mm (inches)
Tolerance: ±0.5 (±0.02)
Pin diameter 1.0 ±0.1 (0.04±0.004)
Physical Characteristics
Case Size
:
88.9x63.5x21.7mm (3.50x2.50x0.85 inches)
Case Material
:
Plastic resin + Fiberglass (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
177g
26.75
55.88 [2.20]
63.5 [2.50]
15.24
12.7
7
6
5
43
1
2
21.7
6.0
[0.60]
[0.50]
12.7
[0.50]
15.24
[0.60]
[1.05]
[0.24]
[0.85]
0.7[0.03]
Mounting M4.0 Thread
Bottom View


Similar Part No. - AQF-30T512

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AQF-30T512 MINMAX-AQF-30T512 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30T512 MINMAX-AQF-30T512 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30T512 MINMAX-AQF-30T512 Datasheet
376Kb / 5P
   AC/DC Power Module 30W
AQF-30T512A MINMAX-AQF-30T512A Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30T512A MINMAX-AQF-30T512A Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
More results

Similar Description - AQF-30T512

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_12 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
AZF-60 MINMAX-AZF-60_13 Datasheet
2Mb / 4P
   AC/DC Power Module 60W Fully encapsulated Plastic Case
AHF-10 MINMAX-AHF-10_11 Datasheet
251Kb / 3P
   AC/DC Power Module 10W Fully encapsulated Plastic Case
logo
Arch Electronics Corp.
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
   Fully Encapsulated Plastic Case
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
   Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
   Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
   Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
   Fully Encapsulated Plastic Case
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com