Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW50-12S15 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # MKW50-12S15
Description  DC/DC CONVERTER 50W, Highest Power Density
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW50-12S15 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  MKW50-12S15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW50-12S15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW50-12S15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW50-12S15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW50-12S15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW50-12S15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW50-12S15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW50-12S15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MKW50-12S15 Datasheet HTML 9Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MKW50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/28 REV:10 Page 6 of 9
®
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
Ripple & Noise measurement bandwidth is 0-20MHz, measured with a 1μF MLCC and a 10μF Tantalum Capatitor.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Other input and output voltage may be available, please contact factory.
6
To order the converter with heatsink, please add a suffix -HS (e.g. MKW50-12S05-HS) to order code.
7
The MKW50 series can meet EN55022 Class A with parallel an external capacitor to the input pins. (12Vin: 22μF/25V 1210 MLCC, 24Vin: 3.3μF/50V 1210 MLCC,
48Vin: 2.2μF/100V 1210 MLCC.
8
The MKW50 series can meet EN61000-4-4 & EN61000-4-5 by adding a capacitor across the input pins.Suggested capacitor: CHEMI-CON KY 330μF/100V.
9
Do not exceed maximum power specification when adjusting output voltage.
10
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
11
Specifications are subject to change without notice.


Similar Part No. - MKW50-12S15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW50-12S15 TOTAL-POWER-MKW50-12S15 Datasheet
593Kb / 9P
   Smallest Encapsulated 50W Converter
More results

Similar Description - MKW50-12S15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com