Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKWI50-24S15 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MKWI50-24S15
Description  DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKWI50-24S15 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MKWI50-24S15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKWI50-24S15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKWI50-24S15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKWI50-24S15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKWI50-24S15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKWI50-24S15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKWI50-24S15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKWI50-24S15 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MKWI50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/25 P4 Page 3 of 8
®
EMC Specifications
Parameter
Standards & Level
Performance
EMI
EN55022
Class A (See Page 6)
ESD
EN61000-4-2 air ± 8KV , Contact ± 6KV
Perf. Criteria A
Radiated immunity
EN61000-4-3 10V/m
Perf. Criteria A
Fast transient (See Note 7)
EN61000-4-4 ±2KV
Perf. Criteria A
Surge (See Note 7)
EN61000-4-5 ±1KV
Perf. Criteria A
Conducted immunity
EN61000-4-6 10V/m
Perf. Criteria A
Power Derating Curve
MKWI50-24S033,MKWI50-48S033 Derating Curve without Heatsink
MKWI50-24S033,MKWI50-48S033 Derating Curve with Heatsink
MKWI50-24S12,MKWI50-24S15, MKWI50-48S12, MKWI50-48S15
Derating Curve without Heatsink
MKWI50-24S12,MKWI50-24S15, MKWI50-48S12, MKWI50-48S15
Derating Curve with Heatsink
MKWI50-24S05, MKWI50-24S24, MKWI50-48S05, MKWI50-48S24
Derating Curve without Heatsink
MKWI50-24S05, MKWI50-24S24, MKWI50-48S05, MKWI50-48S24
Derating Curve with Heatsink


Similar Part No. - MKWI50-24S15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKWI50-24S15 TOTAL-POWER-MKWI50-24S15 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
More results

Similar Description - MKWI50-24S15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
logo
Total Power Internation...
MKW50 TOTAL-POWER-MKW50 Datasheet
593Kb / 9P
   Smallest Encapsulated 50W Converter
MKWI50 TOTAL-POWER-MKWI50 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
   DC - DC CONVERTER 50W
logo
Wall Industries,Inc.
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
   50W DC-DC Converter
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
   50W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-50_1109 MEANWELL-SD-50_1109 Datasheet
386Kb / 2P
   50W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com