Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU202 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MAU202
Description  DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU202 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MAU202 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU202 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU202 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU202 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAU200 SERIES
DC/DC CONVERTER 1W, SIP-Package, High Isolation
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/23 REV:5 Page 1 of 4
FEATURES
SIP Package with Industry Standard Pinout
Package Dimension:
19.5 x 10.2 x 6.1 mm (0.77”x 0.4”x 0.24”) 5V&12V Models
19.5 x 10.2 x 7.1 mm (0.77”x 0.4”x 0.28”) 24V Models
Single and Dual Output Models
I/O-Isolation 3000 VDC
Operating Temp. Range -40°C to +85°C
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MAU200 series is a range of 1W DC/DC converters in a small SIP Package featuring high I/O-isolation of 3000VDC.
An excellent efficiency allows an operating temperature range of –40°C to +85°C.
These converters offer an economical solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination,
digital interfaces or for board level power distribution where a higher I/O-isolation is required.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
µF
%
MAU201
3.3
260
5
235
10
73
MAU202
5
200
4
281
10
71
MAU203
9
110
2
260
8
76
MAU204
12
84
1.5
258
7
78
MAU205
15
67
1
258
7
220
78
MAU206
±5
±100
±2
278
10
72
MAU207
±9
±56
±1
262
8
77
MAU208
±12
±42
±0.8
258
7
78
MAU209
5
(4.5 ~ 5.5)
±15
±34
±0.7
258
30
7
100#
79
MAU211
3.3
260
5
96
8
74
MAU212
5
200
4
114
8
73
MAU213
9
110
2
106
5
78
MAU214
12
84
1.5
105
5
80
MAU215
15
67
1
104
5
220
80
MAU216
±5
±100
±2
113
8
74
MAU217
±9
±56
±1
106
5
79
MAU218
±12
±42
±0.8
104
5
81
MAU219
12
(10.8 ~ 13.2)
±15
±34
±0.7
105
12
5
100#
81
MAU221
3.3
260
5
49
8
73
MAU222
5
200
4
59
8
71
MAU223
9
110
2
54
5
76
MAU224
12
84
1.5
54
5
78
MAU225
15
67
1
53
5
220
79
MAU226
±5
±100
±2
58
8
72
MAU227
±9
±56
±1
55
5
76
MAU228
±12
±42
±0.8
53
5
79
MAU229
24
(21.6 ~ 26.4)
±15
±34
±0.7
53
7
5
100#
80
# For each output


Similar Part No. - MAU202

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU202 TOTAL-POWER-MAU202 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU202 MINMAX-MAU202 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
MAU202 MINMAX-MAU202 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Total Power Internation...
MAU202 TOTAL-POWER-MAU202 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU202

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MFU100 MINMAX-MFU100_12 Datasheet
254Kb / 4P
   DC/DC CONVERTER 1W Miniature DIP-Package with Industry Standard Pinout
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
   DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com