Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA01-05S05H Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MA01-05S05H
Description  DC/DC CONVERTER 1W Standard SIP-7 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MA01-05S05H Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MA01-05S05H Datasheet HTML 1Page - Minmax Technology Co., Ltd. MA01-05S05H Datasheet HTML 2Page - Minmax Technology Co., Ltd. MA01-05S05H Datasheet HTML 3Page - Minmax Technology Co., Ltd. MA01-05S05H Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/23 REV:6 Page 1 of 4
MA01H SERIES
DC/DC CONVERTER 1W, SIP-Package
FEATURES
Standard SIP-7 Package
Semi-regulated Output Voltage
High 3000VDC I/O-isolation
High Efficiency to 88%
Operating Temp. Range –40°C to +85°C
CSA/IEC/EN 60950-1 Safety Approval
Industry Standard Pinout
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MA01H series is a new range of isolated 1W DC/DC converter modules in a small SIP-package. There are 24 models available with 5V, 12V
or 24VDC input. These products provide have a typical load regulation of 3.5% to 5.5% depending on model.
The MA01H DC/DC converters are a compromise between a more expensive fully regulated converter and a non-regulated converter. They offer the
designer a new solution for many cost critical applications where the output voltage variation has to be kept in a certain limit under all load conditions.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max. Min. @Max. Load @No Load
Load
Regulation
Reflected
Ripple
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
mA(typ.)
µF
%
MA01-05S05H
5
200
4
238
6.2
84
MA01-05S09H
9
110
2
229
5.5
86.5
MA01-05S12H
12
84
1.5
231
5.5
87
MA01-05S15H
5
(4.5 ~ 5.5)
15
67
1
230
30
5
11
220
87.5
MA01-12S05H
5
200
4
99
5
84
MA01-12S09H
9
110
2
96
3.3
86
MA01-12S12H
12
84
1.5
95
3.6
88
MA01-12S15H
12
(10.8 ~ 13.2)
15
67
1
95
12
2.9
5
220
88
MA01-24S05H
5
200
4
50
5
84
MA01-24S09H
9
110
2
48
3.5
86.5
MA01-24S12H
12
84
1.5
48
3.5
87.5
MA01-24S15H
24
(21.6 ~ 26.4)
15
67
1
48
11
3
4.7
220
87.5
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
VDC
Reverse Polarity Input Current
---
---
0.3
A
Internal Filter Type
Internal Capacitor
Internal Power Dissipation
All Models
---
---
450
mW
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Line Regulation
For Vin Change of 1%
---
±1.05
±1.2
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise (20MHz)
---
30
60
mV P-P
Temperature Coefficient
---
±0.01
±0.02
%/℃
Short Circuit Protection
0.5 Second Max.


Similar Part No. - MA01-05S05H

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MA01-05S05H TOTAL-POWER-MA01-05S05H Datasheet
655Kb / 4P
   Semi-regulated Output Voltage
More results

Similar Description - MA01-05S05H

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01 Datasheet
762Kb / 4P
   DC/DC CONVERTER 1W Standard SIP-7 Package Semi-regulated Output Voltage
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com