Electronic Components Datasheet Search |
|
MAU228 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd. |
|
MAU228 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd. |
3 / 4 page MAU200 SERIES DC/DC CONVERTER 1W, SIP-Package, High Isolation E-mail:sales@minmax.com.tw Tel:886-6-2923150 2013/01/23 REV:5 Page 3 of 4 Power Derating Curve ~ Ambient Temperature 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 400LFM 200LFM 100LFM Natural Convection 20LFM (3.3V, 5V & ±5V} (all other output) Notes 1 Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted. 2 Ripple & Noise measurement bandwidth is 0-20MHz. 3 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however they may not meet all specifications listed. 4 All DC/DC converters should be externally fused at the front end for protection. 5 Other input and output voltage may be available, please contact factory. 6 That “natural convection” is about 20LFM but is not equal to still air (0 LFM). 7 Specifications are subject to change without notice. Package Specifications Mechanical Dimensions Pin Connections Pin Single Output Dual Output 1 +Vin +Vin 2 -Vin -Vin 5 -Vout -Vout 6 No Pin Common 7 +Vout +Vout T: 6.1mm(0.24 inch) for 5V&12V Input Models T: 7.1mm(0.28 inch) for 24V Input Models ►All dimensions in mm (inches) ►Tolerance: X.X±0.25 (X.XX±0.01) X.XX±0.13 ( X.XXX±0.005) ► Pins ±0.05(±0.002) Physical Characteristics Case Size (5V&12V Input) : 19.5x6.1x10.2mm (0.77x0.24x0.40 inches) Case Size (24V Input) : 19.5x7.1x10.2mm (0.77x0.28x0.40 inches) Case Material : Non-Conductive Black Plastic (flammability to UL 94V-0 rated) Pin Material : Alloy 42 Weight (5V&12V Input) : 2.2g Weight (24V Input) : 2.6g 19.5 [0.77] 0.50 [0.02] 18.5 [0.73] 2.54 [0.10] 7.62 [0.30] 2X2.54 [2X0.10] 0.5 [0.02] 1 2 7 5 6 Bottom View 2.4 [0.09] |
Similar Part No. - MAU228 |
|
Similar Description - MAU228 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |