Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCW1032 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MCW1032
Description  DC/DC CONVERTER 2W High Power Density in SIP-8 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MCW1032 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MCW1032 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MCW1032 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MCW1032 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MCW1032 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCW1000 SERIES
DC/DC CONVERTER 2W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/24 REV:6 Page 1 of 4
®
FEATURES
High Power Density in SIP-8 Package
Small Footprint: 21.8 x 9.3 mm (0.86”x 0.37”)
Wide 2:1 Input Range
Fully Regulated Output
Operating Temp. Range -40°C to +85°C
Overload Protection
Remote On/Off Control
I/O-Isolation Voltage 1000VDC
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MCW1000 series is a range of isolated 2W DC/DC converter modules featuring fully regulated output and wide 2:1 input voltage ranges.
The product comes in a SIP-8 package with a very small footprint occupying only 2.0 cm2 (0.3 square in.) on the PCB.
An excellent efficiency allows an operating temperature range of -40°C to +85°C. Further features include remote On/Off control and over load protection.
The very compact dimensions of these DC/DC converters make them an ideal solution for many space critical applications in battery-powered equipment
and instrumentation.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
µF
%
MCW1011
3.3
500
125
471
2200
70
MCW1012
5
400
100
548
1000
73
MCW1013
5
(4.5 ~ 9)
12
167
42
534
40
400
170
75
MCW1021
3.3
500
125
184
2200
73
MCW1022
5
400
100
217
1000
77
MCW1023
12
(9 ~ 18)
12
167
42
209
20
300
170
80
MCW1031
3.3
500
125
96
2200
72
MCW1032
5
400
100
109
1000
77
MCW1033
24
(18 ~ 36)
12
167
42
103
10
200
170
81
MCW1041
3.3
500
125
49
2200
71
MCW1042
5
400
100
57
1000
73
MCW1043
48
(36 ~ 75)
12
167
42
53
8
500
170
79
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
-0.7
---
15
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
5V Input Models
3.5
4
4.5
12V Input Models
4.5
7
9
24V Input Models
8
12
18
Start-Up Threshold Voltage
48V Input Models
16
24
36
5V Input Models
---
3.5
4
12V Input Models
---
6.5
8.5
24V Input Models
---
11
17
Under Voltage Shutdown
48V Input Models
---
22
34
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
---
1500
mW
Internal Filter Type
Capacitor type
Internal Power Dissipation
All Models
---
---
3500
mW


Similar Part No. - MCW1032

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCW1032 TOTAL-POWER-MCW1032 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MCW1032 TOTAL-POWER-MCW1032 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
More results

Similar Description - MCW1032

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
MEW1000 MINMAX-MEW1000_13 Datasheet
655Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-9 Package
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com